Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDI50-06P1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VDI50-06P1
Description  IGBT Modules in ECO-PAC 2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VDI50-06P1 Datasheet(HTML) 3 Page - IXYS Corporation

  VDI50-06P1 Datasheet HTML 1Page - IXYS Corporation VDI50-06P1 Datasheet HTML 2Page - IXYS Corporation VDI50-06P1 Datasheet HTML 3Page - IXYS Corporation VDI50-06P1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
3 - 4
IXYS reserves the right to change limits, test conditions and dimensions.
VDI 50-06P1 VII 50-06P1
VID 50-06P1 VIO 50-06P1
B3
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode
0
200
400
600
800
1000
0
10
20
30
40
50
0
30
60
90
120
150
0123456
0
15
30
45
60
75
90
0
40
80
120
160
0
5
10
15
20
0123456
0
15
30
45
60
75
90
V
CE
V
I
C
V
CE
A
I
C
V
nC
Q
G
-di/dt
V
V
GE
I
RM
t
rr
A/
µs
MUBW3006A7
I
RM
t
rr
9V
11V
A
9V
11V
V
GE= 17V
15V
13V
A
4
6
8
1012
1416
0
15
30
45
60
75
90
V
V
GE
A
I
C
T
J = 25°C
T
J = 125°C
0,0
0,5
1,0
1,5
2,0
0
15
30
45
60
75
90
V
V
F
I
F
T
J = 25°C
T
J = 125°C
A
ns
25T60
25T60
25T60
25T60
25T60
T
J = 25°C
T
J = 125°C
V
GE = 17 V
15 V
13 V
T
J = 125°C
V
R = 300 V
I
F
= 30 A
V
CE = 20V
V
CE = 300 V
I
C
= 30 A


Similar Part No. - VDI50-06P1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VDI50-12P1 IXYS-VDI50-12P1 Datasheet
144Kb / 4P
   IGBT Modules
More results

Similar Description - VDI50-06P1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VID160-12P1 IXYS-VID160-12P1 Datasheet
105Kb / 4P
   IGBT Modules in ECO-PAC 2
VDI75-12P1 IXYS-VDI75-12P1 Datasheet
129Kb / 4P
   IGBT Modules in ECO-PAC 2 Short Circuit SOA Capability Square RBSOA
logo
Powersem GmbH
PSHM12001 POWERSEM-PSHM12001 Datasheet
130Kb / 4P
   Power MOSFET in ECO-PAC 2
PSHM120D01 POWERSEM-PSHM120D01 Datasheet
127Kb / 4P
   Power MOSFET in ECO-PAC 2
PSHM4006 POWERSEM-PSHM4006 Datasheet
105Kb / 2P
   CoolMOS Power MOSFET in ECO-PAC 2
logo
IXYS Corporation
L564 IXYS-L564 Datasheet
36Kb / 1P
   Three Phase Rectifier Bridge in ECO-PAC 2
VKM60-01P1 IXYS-VKM60-01P1 Datasheet
71Kb / 4P
   HiPerFET-TM Power MOSFET H-Bridge Topology in ECO-PAC 2
L532 IXYS-L532 Datasheet
47Kb / 2P
   IGBT phaseleg in ISOPLUS i4-PAC
FID60-06D IXYS-FID60-06D Datasheet
49Kb / 2P
   IGBT Boost Chopper in ISOPLUS i4-PAC
VBE26-06NO7 IXYS-VBE26-06NO7 Datasheet
185Kb / 3P
   ECO-PAC Single Phase Rectifier Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com