Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF800-90-4I-BK Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST39VF800-90-4I-BK
Description  8 Megabit (512K x 16-Bit) Multi-Purpose Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF800-90-4I-BK Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST39VF800-90-4I-BK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
© 1999 Silicon Storage Technology, Inc.
343-04 2/99
8 Megabit Multi-Purpose Flash
SST39VF800Q / SST39VF800
Advance Information
TABLE 13: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Word Program time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH (1)
WE# Pulse Width High
30
ns
TCPH (1)
CE# Pulse Width High
30
ns
TDS
Data Setup Time
30
ns
TDH (1)
Data Hold Time
0
ns
TIDA (1)
Software ID Access and Exit Time
150
ns
TSE
Sector Erase
25
ms
TBE
Block Erase
25
ms
TSCE
Chip Erase
100
ms
Note 1: This parameter is measured only for initial qualification and after the design or process change that could affect this parameter.
343 PGM T14.1
AC CHARACTERISTICS
TABLE 12: SST39VF800Q/VF800 READ CYCLE TIMING PARAMETERS VDD = 2.7-3.6V
SST39VF800Q/VF800-70 SST39VF800Q/VF800-90
Symbol
Parameter
Min
Max
Min
Max
Units
TRC
Read Cycle time
70
90
ns
TCE
Chip Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
30
40
ns
TCLZ(1)
CE# Low to Active Output
0
0
ns
TOLZ(1)
OE# Low to Active Output
0
0
ns
TCHZ(1)
CE# High to High-Z Output
20
30
ns
TOHZ(1)
OE# High to High-Z Output
20
30
ns
TOH(1)
Output Hold from Address Change
0
0
ns
343 PGM T13.0


Similar Part No. - SST39VF800-90-4I-BK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800A SST-SST39VF800A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF800A SST-SST39VF800A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A MICROCHIP-SST39VF800A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

Similar Description - SST39VF800-90-4I-BK

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Silicon Storage Technol...
SST39VF160Q SST-SST39VF160Q Datasheet
252Kb / 23P
   16 Megabit (1M x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
Silicon Storage Technol...
39SF020 SST-39SF020 Datasheet
231Kb / 23P
   2 Megabit (256K x 8) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com