Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM220-Z Datasheet(PDF) 1 Page - Formosa MS

Part # ZM220-Z
Description  1WATT SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZM220-Z Datasheet(HTML) 1 Page - Formosa MS

  ZM220-Z Datasheet HTML 1Page - Formosa MS ZM220-Z Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1WATT SURFACE MOUNT ZENER DIODE
FEATURES
! PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
! LOW ZENER IMPEDANCE
! EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
! CASE:MOLDED PLASTIC
! TERMINALS:SOLDER PLATED
! POLARITY:INDICATED BY CATHODE BAND
! WEIGHT:0.04 GRAMS
CASE-SOD-123
DIMENSIONS IN INCHES AND (MILLIMETERS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55℃ TO + 150℃
ELECTRICAL CHARACTERISTICS (TA=25℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
@
25℃ TA
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25℃TA
Vz @IZT
ZZT
IZT
IRVR
TYPE
MIN.
TYP.
MAX.
Ohms
mA
µA
V
MARKING
ZM200-X
ZM200-Y
ZM200-Z
ZM220-Y
ZM220-Z
ZM240-Y
ZM240-Z
ZM270-X
ZM270-Y
ZM270-Z
ZM300-X
ZM300-Y
ZM300-Z
ZM330-X
ZM330-Y
ZM330-Z
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
152
160
168
176
184
216
225
234
243
252
261
270
279
288
297
306
BX
BY
BZ
CY
CZ
DY
DZ
EX
EY
EZ
GX
GY
GZ
HX
HY
HZ
ZM200X
THRU
ZM330Y
.071(1.8 )
.055(1.4 )
.161(4.1)
.146(3.7 )
.110(2.8)
.094(2.4 )
.063(1.6)
.055(1.4)
.0012(0.3) Typ.
.035(0.9) Typ.
.035(0.9) Typ.
Formosa MS
Formosa MicroSemi


Similar Part No. - ZM220-Z

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZM220-Z FORMOSA-ZM220-Z Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZM220-Z FRONTIER-ZM220-Z Datasheet
120Kb / 2P
   1 WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZM220-Z

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZS100L FORMOSA-ZS100L Datasheet
204Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM200-X FORMOSA-ZM200-X Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZTS200-X FORMOSA-ZTS200-X Datasheet
57Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS100 FORMOSA-ZS100 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZTS200-X FRONTIER-ZTS200-X Datasheet
122Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZS100BL CHENG-YI-ZS100BL Datasheet
131Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com