Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z190 Datasheet(PDF) 2 Page - Formosa MS

Part # Z190
Description  1WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z190 Datasheet(HTML) 2 Page - Formosa MS

  Z190 Datasheet HTML 1Page - Formosa MS Z190 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES Z110 THRU Z330
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPARION
1
0
25
50
75
100
125
150
175
LEAD TEMPERATURE, ℃
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS
FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ ZENER VOLTAGE @
@IZT(VOLTS)
SINGLE PHASE
HALF WAVF
60HZ
RESISTIVE OR
INDUCTIVE LOAD
0.375”(9.5mm) LEAD LENGTHS
TJ=25℃
PULSE WIDTH=300us
1% DUTY CYCLE
FIG. 2 - ZENER VOLTAGE VERSUS ZENER CURRENT
10
5
2
1
0.5
0.2
0.1
100
150
200
250
300
350
400
450
VZ, ZENER VOLTAGE (VOLTS)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
.4
0.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED ZENER VOLTAGE
TJ=25℃


Similar Part No. - Z190

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z190 RECTRON-Z190 Datasheet
17Kb / 2P
   ZENER SILICON RETIFIER
logo
SEMTECH ELECTRONICS LTD...
Z190 SEMTECH_ELEC-Z190 Datasheet
217Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
Z190 NJSEMI-Z190 Datasheet
94Kb / 1P
   PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
Formosa MS
Z190B FORMOSA-Z190B Datasheet
112Kb / 7P
   Zener Diode
More results

Similar Description - Z190

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
1N4736A FRONTIER-1N4736A Datasheet
127Kb / 2P
   1WATT ZENER DIODE
ZSL10-200B FRONTIER-ZSL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
logo
Jinan Gude Electronic D...
1EZ110D5 JGD-1EZ110D5 Datasheet
109Kb / 2P
   1WATT SILICON ZENER DIODE
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
DL4728A FRONTIER-DL4728A Datasheet
128Kb / 2P
   1WATT MELF ZENER DIODE
DL4728A-LFR FRONTIER-DL4728A-LFR Datasheet
129Kb / 2P
   1WATT MELF ZENER DIODE
logo
Formosa MS
ZS100L FORMOSA-ZS100L Datasheet
204Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com