Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9100A Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9100A
Description  Touch and Hold Probe Stampings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9100A Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9100A Datasheet HTML 1Page - Dallas Semiconductor DS9100A Datasheet HTML 2Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
102199
FEATURES
Compact two-piece, all-metal receptacle for
F5 MicroCan
TM
Accepts two-thirds of the MicroCan (one-
third of MicroCan will extend out)
Allows reading iButtons with either
momentary or dwelled contact
Outer ring will hold MicroCan for dwelled
contact
Two options for data contact: cantilever
(DS9100B) or coiled spring (DS9100C)
>10000 insertion/withdrawal cycles with no
performance degradation
Redundancy of contacts and high contact
force ensure reliability
Probe withstands high temperatures required
for PCB solder reflow operations
Material is stainless steel with selective tin-
lead plating for optimal solderability to
printed circuit board
Cleaning fluids drain freely for quick clean up
ORDERING INFORMATION
DS9100A
Outer Contact (Ground)
DS9100B
Center Contact Cantilever (Data)
DS9100C
Center Contact Coiled Spring (Data)
DS9100A WITH DS9100B
DS9100C WITH CORRECT
ORIENTATION TO SOLDER PAD
DESCRIPTION
The DS9100 Touch and Hold Probe Stampings' function is similar to the DS9098 iButton Retainer. An
F5 MicroCan will fit completely into the DS9098, but the flange and about one-third of the can will
extend out if pressed into the DS9100. As a probe, the DS9100A together with the coiled spring
DS9100C allows reading iButtons on contact. With additional pressure, the stiff springs of the
DS9100A’s outer ring will deflect and grip the MicroCan sufficiently to provide a continuous contact to
both the can rim (ground) and the can lid (data). If reading on contact is not required, the cantilever type
center contact DS9100B can be used rather than the DS9100C.
DS9100
Touch and Hold Probe Stampings
www.dalsemi.com
Dimensions are in millimeters


Similar Part No. - DS9100A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9100A MAXIM-DS9100A Datasheet
177Kb / 3P
   Touch and Hold Probe Stampings
Rev 8/09
More results

Similar Description - DS9100A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9100A MAXIM-DS9100A Datasheet
177Kb / 3P
   Touch and Hold Probe Stampings
Rev 8/09
DS1404 MAXIM-DS1404 Datasheet
147Kb / 2P
   Touch and Hold Probe Cable Cradle
8/09
logo
Dallas Semiconductor
DS1404 DALLAS-DS1404 Datasheet
67Kb / 1P
   Touch and Hold Probe Cable Cradle
logo
SparkFun Electronics
TOL-14806 SPARKFUN-TOL-14806 Datasheet
78Kb / 1P
   Shapeoko Touch Probe
7??8??8
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
   Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
   Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
   Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
   Humidity and Temperature Probe
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com