Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78LC00 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC78LC00
Description  MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC00 Datasheet(HTML) 5 Page - ON Semiconductor

  MC78LC00 Datasheet HTML 1Page - ON Semiconductor MC78LC00 Datasheet HTML 2Page - ON Semiconductor MC78LC00 Datasheet HTML 3Page - ON Semiconductor MC78LC00 Datasheet HTML 4Page - ON Semiconductor MC78LC00 Datasheet HTML 5Page - ON Semiconductor MC78LC00 Datasheet HTML 6Page - ON Semiconductor MC78LC00 Datasheet HTML 7Page - ON Semiconductor MC78LC00 Datasheet HTML 8Page - ON Semiconductor MC78LC00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC78LC00 Series
http://onsemi.com
5
DEFINITIONS
Load Regulation
The change in output voltage for a change in output
current at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 3% below its
nominal. The junction temperature, load current, and
minimum input supply requirements affect the dropout level.
Maximum Power Dissipation
The maximum total dissipation for which the regulator
will operate within its specifications.
Quiescent Current
The quiescent current is the current which flows through
the ground when the LDO operates without a load on its
output: internal IC operation, bias, etc. When the LDO
becomes loaded, this term is called the Ground current. It is
actually the difference between the input current (measured
through the LDO input pin) and the output current.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low
dissipation or by using pulse technique such that the average
chip temperature is not significantly affected.
Line Transient Response
Typical over and undershoot response when input voltage
is excited with a given slope.
Maximum Package Power Dissipation
The maximum power package dissipation is the power
dissipation level at which the junction temperature reaches
its maximum operating value, i.e. 125
°C. Depending on the
ambient power dissipation and thus the maximum available
output current.


Similar Part No. - MC78LC00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC00 ONSEMI-MC78LC00_16 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results

Similar Description - MC78LC00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com