Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS310L Datasheet(PDF) 2 Page - Formosa MS

Part # ZS310L
Description  1WATT SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZS310L Datasheet(HTML) 2 Page - Formosa MS

  ZS310L Datasheet HTML 1Page - Formosa MS ZS310L Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ZS100L THRU ZS300L
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPARION
1
0
25
50
75
100
125
150
175
LEAD TEMPERATURE, ℃
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS
FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ ZENER VOLTAGE @
@IZT(VOLTS)
SINGLE PHASE
HALF WAVF
60HZ
RESISTIVE OR
INDUCTIVE LOAD
0.375”(9.5mm) LEAD LENGTHS
TJ=25℃
PULSE WIDTH=300us
1% DUTY CYCLE
FIG. 2 - ZENER VOLTAGE VERSUS ZENER CURRENT
10
5
2
1
0.5
0.2
0.1
100
150
200
250
300
350
400
VZ, ZENER VOLTAGE (VOLTS)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
.4
0.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED ZENER VOLTAGE
TJ=25℃


Similar Part No. - ZS310L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS310 FORMOSA-ZS310 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZS310-LFR FRONTIER-ZS310-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZS310BL CHENG-YI-ZS310BL Datasheet
131Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS310L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZM200X FORMOSA-ZM200X Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM200-X FORMOSA-ZM200-X Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZTS200-X FORMOSA-ZTS200-X Datasheet
57Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS100 FORMOSA-ZS100 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZTS200-X FRONTIER-ZTS200-X Datasheet
122Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZS100BL CHENG-YI-ZS100BL Datasheet
131Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com