Electronic Components Datasheet Search |
|
82DA102M200KE2D Datasheet(PDF) 1 Page - Vishay Siliconix |
|
82DA102M200KE2D Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page Document Number: 42064 For technical questions contact: aluminumcaps4@vishay.com www.vishay.com Revision: 23-May-05 227 82DA Vishay Sprague Aluminum Capacitors + 85 °C, Snap-in, General Purpose FEATURES • Maximum CV • General purpose design • Wide voltage range • Molded cover available in 2 or 3 terminal design with standoffs • Replaces Type 82D QUICK REFERENCE DATA DESCRIPTION VALUE Nominal case size ØD x L in mm 0.87” x 1.00” [22.0 x 25.0] to 1.57” x 3.18” [40.0 x 80.0] Operating temperature - 40 °C to + 85 °C Rated capacitance range, CR 33 µF to 270 000 µF Tolerance on CR ± 20 % Rated voltage range, UR 6.3 WVDC to 500 WVDC Termination Snap in Life validation test at 85 °C 2000 hours: Δ CAP ≤ 15 % from initial measurement. Δ ESR ≤ 1.5 x initial specified limit. Δ DCL ≤ initial specified limit Shelf life at 85 °C 500 hours: Δ CAP ≤ 15 % from initial measurement. Δ ESR ≤ 1.3 x initial specified limit. Δ DCL ≤ 2 x initial specified limit DC leakage current 5 minute charge time I = K K = 4.0 at + 25 °C I in µA, C in µF, V in Volts CV RIPPLE CURRENT MULTIPLIERS TEMPERATURE AMBIENT TEMPERATURE MULTIPLIERS + 55 °C 2.0 + 65 °C 1.7 + 75 °C 1.4 + 85 °C 1.0 FREQUENCY (Hz) WVDC 50-60 300 - 1000 1000 AND UP 16 - 49 0.85 1.10 1.15 50 - 199 0.83 1.15 1.20 200 - 400 0.80 1.30 1.40 DIMENSIONS in inches [millimeters] CASE CODE DIAMETER LENGTH STYLE 2 TYPICAL WEIGHT ( Grams) CASE CODE DIAMETER LENGTH STYLE 2 TYPICAL WEIGHT ( Grams) D + 0.04 - 0 [+ 1.0 - 0] L ± 0.08 [2.0] D + 0.04 - 0 [+ 1.0 - 0] L ± 0.08 [2.0] HA 0.87 [22.0] 1.00 [25.0] 16.0 MB 1.38 [35.0] 1.18 [30.0] 48.0 HB 0.87 [22.0] 1.18 [30.0] 19.0 MC 1.38 [35.0] 1.38 [35.0] 54.0 HD 0.87 [22.0] 1.57 [40.0] 24.0 MD 1.38 [35.0] 1.57 [40.0] 61.0 JA 1.00 [25.0] 1.00 [25.0] 20.0 ME 1.38 [35.0] 2.00 [50.0] 74.0 JB 1.00 [25.0] 1.18 [30.0] 24.0 MF 1.38 [35.0] 2.50 [63.0] 91.0 JC 1.00 [25.0] 1.38 [35.0] 27.0 MG 1.38 [35.0] 3.18 [80.0] 113.0 JD 1.00 [25.0] 1.57 [40.0] 31.0 NA 1.58 [40.0] 1.00 [25.0] 48.0 JE 1.00 [25.0] 2.00 [50.0] 38.0 NB 1.58 [40.0] 1.18 [30.0] 58.0 KA 1.18 [30.0] 1.00 [25.0] 30.0 NC 1.58 [40.0] 1.38 [35.0] 66.0 KB 1.18 [30.0] 1.18 [30.0] 35.0 ND 1.58 [40.0] 1.57 [40.0] 81.0 KC 1.18 [30.0] 1.38 [35.0] 39.0 NE 1.58 [40.0] 2.00 [50.0] 103.0 KD 1.18 [30.0] 1.57 [40.0] 44.0 NF 1.58 [40.0] 2.50 [63.0] 128.0 KE 1.18 [30.0] 2.00 [50.0] 53.0 NG 1.58 [40.0] 3.18 [80.0] 183.0 Fig.1 Component Outlines. Available Pb-free |
Similar Part No. - 82DA102M200KE2D |
|
Similar Description - 82DA102M200KE2D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |