Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS4750A Datasheet(PDF) 2 Page - Formosa MS

Part # ZS4750A
Description  1WATT SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZS4750A Datasheet(HTML) 2 Page - Formosa MS

  ZS4750A Datasheet HTML 1Page - Formosa MS ZS4750A Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ZS4728A THRU ZS4753A
Figure 3. Typical Thermal Resistance versus Lead
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
3
5
7
10
20
30
50 70
100
VZ, ZENER CURRENT (mA)
Iz=1mA
5mA
20mA
Tj=25℃
Iz(ms)=0.1Iz(do)
f=60hz
Figure 4. Effect of Zener Current
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50%OF BREAKDOWNBIAS
0VBIAS
0VBIAS
FIG.1A- Range for Units to 12 Volts
+12
+10
+8
+6
+4
+2
0
-2
-4
2
3
4
5
6
7
8
9
10
11
12
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
FIG.1B- Range for Units to 12 to 100
100
70
50
30
20
10
7
5
3
2
1
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
Figure 2. Temperature Coefficients (-55℃to+150℃temperature change;90% of the units are in the ranges indicated.)
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
10
+6
+4
+2
0
-2
-4
3
4
5
6
7
8
20mA
1mA
0.01mA
VZ@IZ
TA=25℃
NOTE:BELOW 3 VOLTS AAND ABOCE 8
VOLTS
CHANGES IN ZENER CURRENT DO NOT
L, LEAD LENGTH TO HEAT SINK (INCHES)
VZ, ZENER VOLTAGE (VOLTS)
1.25
1.0
0.75
0.5
0.25
Figure. 7 - Power Temperature Derating Curve
0
20
40
60
80
100
120
140
160
180
200
TL, LEAD TEMPERATURE (
OC)


Similar Part No. - ZS4750A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZS4750A WEITRON-ZS4750A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
ZS4750A PACELEADER-ZS4750A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
Yea Shin Technology Co....
ZS4750A YEASHIN-ZS4750A Datasheet
872Kb / 5P
   1000mW Surface Mount Zener Diodes - 3.3V-100V
logo
SHENZHEN YONGERJIA INDU...
ZS4750A WINNERJOIN-ZS4750A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
More results

Similar Description - ZS4750A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZS100L FORMOSA-ZS100L Datasheet
204Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM200X FORMOSA-ZM200X Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM200-X FORMOSA-ZM200-X Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZTS200-X FORMOSA-ZTS200-X Datasheet
57Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS100 FORMOSA-ZS100 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZTS200-X FRONTIER-ZTS200-X Datasheet
122Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZS100BL CHENG-YI-ZS100BL Datasheet
131Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com