Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFP1611 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DFP1611
Description  Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFP1611 Datasheet(HTML) 1 Page - Vishay Siliconix

  DFP1611 Datasheet HTML 1Page - Vishay Siliconix DFP1611 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thick Film Resistor Networks
Flat Pack, 11, 12 Schematics
www.vishay.com
For technical questions contact: ff2aresistors@vishay.com
Document Number: 31513
40
Revision: 08-Sep-04
DFP
Vishay Dale
FEATURES
∑ 11 and 12 Schematics
∑ 0.065" [1.65mm] height for high density packaging
∑ Low temperature coefficient (- 55°C to + 125°C)
± 100ppm/°C
∑ Hot solder dipped leads
∑ Highly stable thick film
∑ Wide resistance range
∑ All devices are capable of passing the MIL-STD-202,
Method 210, Condition C "Resistance to Soldering Heat"
test
1)Temperature Range: - 55°C to + 125°C
• Consult factory for stocked values
2) ± 1% and ± 5% tolerance available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
CIRCUIT
SCHEMATIC
LIMITING ELEMENT
VOLTAGE
MAX.
V
TEMPERATURE1)
COEFFICIENT
ppm/°C
STANDARD2)
TOLERANCE
%
RESISTANCE
RANGE
WWWW
TEMPERATURE
COEFFICIENT
TRACKING
ppm/°C
P25°C
ELEMENT
W
P25°C
PACKAGE
W
DFP
0.25
0.15
0.65
0.65
11
12
75
75
± 100
± 100
2
2
10 - 1M
10 - 1M
50
50
TECHNICAL SPECIFICATIONS
11 Schematic
7 or 8 isolated resistors
The DFPxx11 provides the user with 7 or 8 nominally equal resistors with
each resistor isolated from all others. Commonly used in the following
applications:
• "Wired OR" Pull-up
• Long-line Impedance Balancing
• Power Driven Pull-up
• LED Current Limiting
• Power Gate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
12 Schematic
13 or 15 resistors with one pin common
The DFPxx12 provides the user with a choice of 13 or 15 nominally equal
resistors, each connected to a common pin (14 or 16). Commonly used in
the following applications:
• MOS/ROM Pull-up/Pull-down
• TTL Input Pull-down
• Open Collector Pull-up
• Digital Pulse Squaring
• "Wired OR" Pull-up
• TTL Unused Gate Pull-up
• Power Driven Pull-up
• High Speed Parallel Pull-up
DF
P
1412
1
K
00
G
D
0
5
DFP
14
12
102
G
D05
HISTORICAL MODEL
PIN COUNT
SCHEMATIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
Historical Part Number example: DFP1412102G (will continue to be accepted)
New Global Part Numbering: DFP14121K00GD05 (preferred part numbering format)
GLOBAL MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
VALUE
CODE
DFP
14
11 = Isolated
R = Decimal
F =
± 1%
E05 = Lead Free, Tube
Blank = Standard
16
12 = Bussed
K = Thousand
G =
± 2%
D05 = Tin/Lead, Tube
(Dash Number)
M = Million
J =
± 5%
(up to 3 digits)
10R0 = 10
W
From 1-999
680K = 680K
W
as applicable
1M00 = 1.0M
W
GLOBAL PART NUMBER INFORMATION
Pin #1
DFP1411
DFP1611
Pin #1
DFP1412
DFP1612


Similar Part No. - DFP1611

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP161110R0FD05 VISHAY-DFP161110R0FD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP161110R0FE05 VISHAY-DFP161110R0FE05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP161110R0GD05 VISHAY-DFP161110R0GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP161110R0GE05 VISHAY-DFP161110R0GE05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP161110R0JD05 VISHAY-DFP161110R0JD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
More results

Similar Description - DFP1611

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
Vishay Siliconix
DFM VISHAY-DFM Datasheet
128Kb / 5P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Revision: 08-Jul-08
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
KOA Speer Electronics, ...
MRGF16 KOA-MRGF16 Datasheet
267Kb / 2P
   mini flat package type thick film resistor networks
MRGF16WTTE102J KOA-MRGF16WTTE102J Datasheet
265Kb / 2P
   mini flat package type thick film resistor networks
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com