Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89PV490CF Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89PV490CF
Description  8-bit Proprietary Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV490CF Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89PV490CF Datasheet HTML 4Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV490CF Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
MB89490 Series
(Continued)
*1: MQP-100C-P01
*2: FPT-100P-M06
Pin number
Pin name
I/O circuit
type
Function
MQFP*1/QFP*2
57
P53/COM2
F / I
General-purpose CMOS I/O port.
The pin is shared with the LCD common output.
58
P54/COM3
F / I
General-purpose CMOS I/O port.
The pin is shared with the LCD common output.
75 ~ 82
P60/SEG16
~
P67/SEG23
F / I
General-purpose CMOS I/O port.
The pin is shared with LCD segment output.
83 ~ 90
P70/SEG24
~
P77/SEG31
F / I
General-purpose CMOS I/O port.
The pin is shared with LCD segment output.
91
P80/SI1
E
General-purpose CMOS I/O port.
The pin is shared with UART/SIO data input.
92
P81/SO1
F
General-purpose CMOS I/O port.
The pin is shared with UART/SIO data output.
93
P82/SCK1
E
General-purpose CMOS I/O port.
The pin is shared with UART/SIO clock I/O.
59 ~ 74
SEG0 ~
SEG15
I
LCD segment output-only pin.
55 ~ 56
COM0 ~
COM1
I
LCD common output-only pin.
54, 53, 52
V1 to V3
LCD driving power supply pin.
1,51
VCC
Power supply pin.
50,100
VSS
Power supply pin (GND).
30
AVCC
A/D converter power supply pin.
29
AVR
A/D converter reference voltage input pin.
31
AVSS
A/D converter power supply pin.
Use at the same voltage level as VSS.


Similar Part No. - MB89PV490CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV490CF FUJITSU-MB89PV490CF Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89PV490CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com