Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM202B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ICM202B
Description  CIF/QCIF CMOS image sensor with digital YUV output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM202B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ICM202B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 12Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 13Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ICM202B CIF/QCIF CMOS sensor with digital YUV output
Data Sheet V2.0, February 2003
©2000, 2001,2002, 2003 IC Media Corporation & IC Media Technology Corp
2/5/2003
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 10
Confidential
10
The following table lists the user modes and the corresponding signals appeared on the pins.
Format
DOUT[15:8]
DOUT[7:0]
PCLK(CIF)
PCLK(QCIF)
8-bit 4:2:2 YUV
0
Y, U, Y, V…
12 MHz
6 MHz
8-bit 4:2:2 YCbCr
0
Y,Cb,Y,Cr …
12 MHz
6 MHz
16-bit 4:2:2 YUV
Y, Y, …
U,V, …
6 MHz
3 MHz
16-bit 4:2:2 YCbCr
Y, Y, …
Cb, Cr, …
6 MHz
3 MHz
16-bit RGB (5,6,5)
RG
GB
6 MHz
3 MHz
24-bit RGB
G, G, …
R, B, …
12 MHz
6 MHz


Similar Part No. - ICM202B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
ICM205B ETC1-ICM205B Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
More results

Similar Description - ICM202B

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS6167 PIXART-PAS6167 Datasheet
439Kb / 19P
   CMOS QCIF DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
ICM205B ETC1-ICM205B Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
   CIF Color CMOS Sensor with USB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com