Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78PC00 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC78PC00
Description  Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC00 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC78PC00 Datasheet HTML 5Page - ON Semiconductor MC78PC00 Datasheet HTML 6Page - ON Semiconductor MC78PC00 Datasheet HTML 7Page - ON Semiconductor MC78PC00 Datasheet HTML 8Page - ON Semiconductor MC78PC00 Datasheet HTML 9Page - ON Semiconductor MC78PC00 Datasheet HTML 10Page - ON Semiconductor MC78PC00 Datasheet HTML 11Page - ON Semiconductor MC78PC00 Datasheet HTML 12Page - ON Semiconductor MC78PC00 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC78PC00 Series
http://onsemi.com
9
80
0.1
f, FREQUENCY (kHz)
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 4.0 VDC + 0.5 Vp–p
COUT = 4.7 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
80
0.1
f, FREQUENCY (kHz)
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 4.0 VDC + 0.5 Vp–p
COUT = 10 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
80
0.1
f, FREQUENCY (kHz)
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 5.0 VDC + 0.5 Vp–p
COUT = 4.7 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
80
0.1
f, FREQUENCY (kHz)
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 5.0 VDC + 0.5 Vp–p
COUT = 10 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
80
0.1
f, FREQUENCY (kHz)
Figure 29. MC78PC18 Ripple Rejection
versus Frequency
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 2.8 VDC + 0.5 Vp–p
COUT = 1.0 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
80
0.1
f, FREQUENCY (kHz)
Figure 30. MC78PC18 Ripple Rejection
versus Frequency
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 2.8 VDC + 0.5 Vp–p
COUT = 1.0 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
Figure 31. MC78PC30 Ripple Rejection
versus Frequency
Figure 32. MC78PC30 Ripple Rejection
versus Frequency
Figure 33. MC78PC40 (4.0 V) Ripple
Rejection versus Frequency
Figure 34. MC78PC40 (4.0 V) Ripple
Rejection versus Frequency


Similar Part No. - MC78PC00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
More results

Similar Description - MC78PC00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com