Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M393T2953CZA-CE6 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M393T2953CZA-CE6
Description  DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T2953CZA-CE6 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M393T2953CZA-CE6 Datasheet HTML 5Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 6Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 7Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 8Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 9Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 10Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 11Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 12Page - Samsung semiconductor M393T2953CZA-CE6 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Rev. 1.2 Aug. 2005
512MB, 1GB, 2GB Registered DIMMs
DDR2 SDRAM
Absolute Maximum DC Ratings
Note :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2
standard.
AC & DC Operating Conditions
Recommended DC Operating Conditions (SSTL - 1.8)
Note : There is no specific device VDD supply voltage requirement for SSTL-1.8 compliance. However under all conditions VDDQ must be less than or equal
to VDD.
1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF is expected to be about 0.5
x VDDQ of the transmitting device and VREF is expected to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed +/-2% VREF(DC).
3. VTT of transmitting device must track VREF of receiving device.
4. AC parameters are measured with VDD, VDDQ and VDDL tied together.
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to VSS
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
4
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
4
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
1,2
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
3


Similar Part No. - M393T2953CZA-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T2953BG0-CD5/CC SAMSUNG-M393T2953BG0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T2953BG3-CD5/CC SAMSUNG-M393T2953BG3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T2953BZ0-CD5/CC SAMSUNG-M393T2953BZ0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T2953BZ3-CD5/CC SAMSUNG-M393T2953BZ3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
More results

Similar Description - M393T2953CZA-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
logo
Hynix Semiconductor
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
logo
Samsung semiconductor
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com