Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M393T5750CZA-CE6 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # M393T5750CZA-CE6
Description  DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T5750CZA-CE6 Datasheet(HTML) 1 Page - Samsung semiconductor

  M393T5750CZA-CE6 Datasheet HTML 1Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 2Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 3Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 4Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 5Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 6Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 7Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 8Page - Samsung semiconductor M393T5750CZA-CE6 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev. 1.2 Aug. 2005
512MB, 1GB, 2GB Registered DIMMs
DDR2 SDRAM
DDR2 Registered SDRAM MODULE
240pin Registered Module based on 512Mb C-die
72-bit ECC
* Samsung Electronics reserves the right to change products or specification without notice.
INFORMATION IN THIS DOCUMENT IS PROVIDED IN RELATION TO SAMSUNG PRODUCTS,
AND IS SUBJECT TO CHANGE WITHOUT NOTICE.
NOTHING IN THIS DOCUMENT SHALL BE CONSTRUED AS GRANTING ANY LICENSE,
EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IN SAMSUNG PRODUCTS OR TECHNOLOGY. ALL
INFORMATION IN THIS DOCUMENT IS PROVIDED
ON AS "AS IS" BASIS WITHOUT GUARANTEE OR WARRANTY OF ANY KIND.
1. For updates or additional information about Samsung products, contact your nearest Samsung office.
2. Samsung products are not intended for use in life support, critical care, medical, safety equipment, or similar
applications where Product failure couldresult in loss of life or personal or physical harm, or any military or
defense application, or any governmental procurement to which special terms or provisions may apply.


Similar Part No. - M393T5750CZA-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5750BS0-CD5/CC SAMSUNG-M393T5750BS0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T5750BS3-CD5/CC SAMSUNG-M393T5750BS3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T5750BY0-CD5/CC SAMSUNG-M393T5750BY0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T5750BY3-CD5/CC SAMSUNG-M393T5750BY3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
More results

Similar Description - M393T5750CZA-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
logo
Hynix Semiconductor
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
logo
Samsung semiconductor
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com