Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL10210 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL10210
Description  DVB-C Cable Channel Demodulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10210 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL10210 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ZL10210
Data Sheet
7
Zarlink Semiconductor Inc.
1.3
Pin Description
Pin Description Table
Pin No
Name
Pin Description
I/
O
Type
V 1
mA
MPEG pins
47
MOSTRT
MPEG packet start
O
CMOS
Tristate
3.3
1
48
MOVAL
MPEG data valid
O
3.3
1
49-54,
59-60
MDO(0:5)
MDO(6:7)
MPEG data outputs
O
3.3
1
61
MOCLK
MPEG output clock
O
3.3
1
62
BKERR
Block error output
O
3.3
1
63
MICLK
MPEG input clock
I
CMOS
3.3
14
STATUS
Status output
O
3.3
1
6IRQ
Interrupt output
O
Open drain
56
Control pins
9
CLK1
Serial clock
I
CMOS
5
10
DATA1
Serial data
I/
O
Open drain
56
24
XTI
Low phase noise crystal
oscillator
ICMOS
1.8
25
XTO
I/
O
1.8
20
SLEEP
Device power down
I
5
4, 5,18,37,38
SADD(4:0)
Serial address set
I
3.3
13
SMTest
Production test (only set low)
I
3.3
45
CLK2
Serial clock tuner
I/
O
Open drain
56
46
DATA2
Serial data tuner
I/
O
56
40
AGC1
Primary AGC
O
56
39
AGC2/GPP1
Secondary AGC or general
I/O
I/
O
56
17
GPP0
General purpose I/O
I/
O
56
19
RESET
Device reset - active low
I
CMOS
5


Similar Part No. - ZL10210

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
ZL10 PERICOM-ZL10 Datasheet
167Kb / 1P
   10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
logo
Zarlink Semiconductor I...
ZL10036 ZARLINK-ZL10036 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF ZARLINK-ZL10036LDF Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF1 ZARLINK-ZL10036LDF1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG ZARLINK-ZL10036LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
STMicroelectronics
STI7167 STMICROELECTRONICS-STI7167 Datasheet
136Kb / 10P
   Advanced STB decoder with integrated DVB-T/DVB-C demodulator
STI7162 STMICROELECTRONICS-STI7162 Datasheet
78Kb / 3P
   Advanced STB decoder with integrated DVB-T/DVB-C demodulator
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2168-D60 SILABS-SI2168-D60 Datasheet
65Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com