Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRF1601G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FRF1601G
Description  Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FRF1601G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FRF1601G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FRF1601G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 470 -
FRF1601G THRU FRF1607G
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/10 seconds 0.25”,(6.35mm) from
case.
Mounting position: Any
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FRF
1601G
FRF
1602G
FRF
1603G
FRF
1604G
FRF
1605G
FRF
1606G
FRF
1607G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
1.3
V
Maximum DC Reverse Current @ TC=25
at Rated DC Blocking Voltage @ TC=125
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
150
250
500
nS
Typical Thermal Resistance (Note 2)
R
θJC
5.0
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink size 2” x
3” x 0.25” Al-Plate
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
Positive CT
PIN 2


Similar Part No. - FRF1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRF1601G TSC-FRF1601G Datasheet
333Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G_1 Datasheet
333Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRF1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_1 Datasheet
259Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G_09 Datasheet
193Kb / 2P
   16.0 AMPs. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G_1 Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_10 Datasheet
46Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G Datasheet
115Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com