Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2128V-60LT100 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2128V-60LT100
Description  3.3V High Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128V-60LT100 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2128V-60LT100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2128V-60LT100 Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Specifications ispLSI 2128V
10
Pin Description
Input/Output Pins - These are the general purpose I/O pins used by
the logic array.
NAME
Table 2-0002B/2128V
84-PIN PLCC
PIN NUMBERS
DESCRIPTION
17,
22,
27,
32,
40,
45,
49,
55,
67,
72,
77,
82,
90,
95,
99,
5,
18,
23,
28,
33,
41,
46,
51,
56,
68,
73,
78,
83,
91,
96,
1,
6,
19,
24,
29,
34,
42,
47,
52,
57,
69,
74,
79,
84,
92,
97,
2,
7,
I/O 0 - I/O 3
I/O 4 - I/O 7
I/O 8 - I/O 11
I/O 12 - I/O 15
I/O 16 - I/O 19
I/O 20 - I/O 23
I/O 24 - I/O 27
I/O 28 - I/O 31
I/O 32 - I/O 35
I/O 36 - I/O 39
I/O 40 - I/O 43
I/O 44 - I/O 47
I/O 48 - I/O 51
I/O 52 - I/O 55
I/O 56 - I/O 59
I/O 60 - I/O 63
20,
26,
30,
35,
43,
48,
53,
58,
70,
76,
80,
85,
93,
98,
3,
8
100-PIN TQFP
PIN NUMBERS
26,
30,
34,
38,
45,
49,
53,
57,
68,
72,
76,
80,
3,
7,
11,
15,
27,
31,
35,
39,
46,
50,
54,
58,
69,
73,
77,
81,
4,
8,
12,
16,
28,
32,
36,
40,
47,
51,
55,
59,
70,
74,
78,
82,
5,
9,
13,
17,
29,
33,
37,
41,
48,
52,
56,
60,
71,
75,
79,
83,
6,
10,
14,
18
GOE 0, GOE 1
11
RESET
Y0, Y1, Y2
15
ispEN
16
TDI/IN 0
59
TCK/IN 3
37
TMS/IN 1
87
24
25
61
43
1
TDO/IN 2
10,
65, 60
20
19,
67, 62
62,
13
64,
22
66,
88,
IN 4 - IN 7
Dedicated input pins to the device
Global Output Enable input pins
Active Low (0) Reset pin which resets all the registers in the device.
Dedicated Clock input. This clock input is connected to one of the clock
inputs of all the GLBs in the device.
Input — Dedicated in-system programming Boundary Scan enable input
pin. This pin is brought low to enable the programming mode. The TMS,
TDI, TDO and TCK controls become active.
Input — This pin performs two functions. When
ispEN is logic low, it
functions as a serial data input pin to load programming data into the
device. When
ispEN is high, it functions as a dedicated input pin.
Input — This pin performs two functions. When
ispEN is logic low, it
functions as a clock pin for the ISP/Boundary Scan state machine.
When
ispEN is high, it functions as a dedicated input pin.
Input — This pin performs two functions. When
ispEN is logic low, it
functions as a mode control pin for the ISP/Boundary Scan state
machine. When
ispEN is high, it functions as a dedicated input pin.
Output/Input — This pin performs two functions. When
ispEN is logic
low, it functions as an output pin to read serial shift register data. When
ispEN is high, it functions as a dedicated input pin.
Ground (GND)
VCC
14, 39,
61,
86
12, 36, 63,
89
23, 44,
63,
84
2,
21, 42,
65
NC1
4,
21, 25,
31,
44, 50, 54,
64,
71,
100
75, 81,
94,
66
38,
9
GND
Vcc
No Connect.
1. NC pins are not to be connected to any active signal, VCC or GND.


Similar Part No. - ISPLSI2128V-60LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB208 LATTICE-ISPLSI2128VE-100LB208 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128V-60LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com