Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75347E Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75347E
Description  Six-Channel Single-Chip Electronic Volume Control System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75347E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75347E Datasheet HTML 5Page - Sanyo Semicon Device LC75347E Datasheet HTML 6Page - Sanyo Semicon Device LC75347E Datasheet HTML 7Page - Sanyo Semicon Device LC75347E Datasheet HTML 8Page - Sanyo Semicon Device LC75347E Datasheet HTML 9Page - Sanyo Semicon Device LC75347E Datasheet HTML 10Page - Sanyo Semicon Device LC75347E Datasheet HTML 11Page - Sanyo Semicon Device LC75347E Datasheet HTML 12Page - Sanyo Semicon Device LC75347E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
No. 7378 -9/17
LC75347E
Pin Functions
Pin No.
Pin
Function
Notes
• Volume control inputs
7
24
20
18
22
16
FLIN
FRIN
RL
RR
C
SBW
VDD
• Volume control outputs
9
10
11
12
13
14
FLOUT
FROUT
COUT
RLOUT
RROUT
SBWOUT
VDD
FLOUT
FROUT
RLOUT
RROUT
COUT
SBWOUT
• Selector volume inputs
28
26
FL
FR
VDD
FL
RL
VREF
SELL
SELR
From TONE
• Selector volume outputs
6
25
SELL
SELR
VDD
VDD
• Zero cross circuit timer
If a zero cross is not detected during the period from the
completion of the data transfer to the point the timer
overflows, the control data is enabled forcibly.
36
TIM
VDD
VREF
VDD
• 0.5
× VDD voltage generator used for analog ground
A capacitor of several ten µF must be connected between
VREF and VSS to minimize power supply ripple.
23
VREF
• Ground
41
VSS
• Power supply
37
VDD
• Chip enable
Data is written to the internal latch when this pin goes from
high to low. The analog switches operate at that time. Data
transfer is enabled when CE is high.
40
CE
• Serial data and clock inputs for the control data.
39
38
DI
CL
Continued on next page.


Similar Part No. - LC75347E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
More results

Similar Description - LC75347E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com