Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPAF802 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GPAF802
Description  Isolation 8.0 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GPAF802 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GPAF802 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GPAF802 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 549 -
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
25
0
50
75
125
100
150
175
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.4
0.2
1
4
2
10
20
40
100
200
400
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
0.4
0.2
1
4
40
2
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
4
10
40
100
1000
400
20
0
40
60
100
80
120
REVERSE VOLTAGE. (V)
Tj=25 C
0
f=10 MHz
Vsig 50Mvp-p
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
8
10
CASE TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
RATINGS AND CHARACTERISTIC CURVES (GPAF801 THR
GPAF807)
U


Similar Part No. - GPAF802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GPAF1601 THINKISEMI-GPAF1601 Datasheet
1Mb / 3P
   16.0 Amperes Insulated Single Glass Passivated Process Avalanche Rectifier Diode
GPAF1601R THINKISEMI-GPAF1601R Datasheet
1Mb / 3P
   16.0 Amperes Insulated Reverse Polarity Glass Passivated Avalanche Rectifier Diode
logo
Taiwan Semiconductor Co...
GPAF1602 TSC-GPAF1602 Datasheet
75Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GPAF1602 THINKISEMI-GPAF1602 Datasheet
1Mb / 3P
   16.0 Amperes Insulated Single Glass Passivated Process Avalanche Rectifier Diode
More results

Similar Description - GPAF802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF801G TSC-HERAF801G Datasheet
67Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated High Efficient Rectifiers
FRAF801G TSC-FRAF801G Datasheet
82Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFAF801G TSC-SFAF801G Datasheet
83Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
DIYI Electronic Technol...
8A05G DYELEC-8A05G Datasheet
644Kb / 2P
   8.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
GPA801 TSC-GPA801 Datasheet
51Kb / 2P
   8.0 AMPS. Glass Passivated Rectifiers
GPA801 TSC-GPA801_09 Datasheet
996Kb / 2P
   8.0 AMPs. Glass Passivated Rectifiers
GPA801 TSC-GPA801_1 Datasheet
262Kb / 2P
   8.0 AMPS. Glass Passivated Rectifiers
GPA801 TSC-GPA801_10 Datasheet
513Kb / 2P
   8.0 AMPS. Glass Passivated Rectifiers
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com