Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HERAF1601G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERAF1601G
Description  Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERAF1601G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERAF1601G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERAF1601G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 352 -
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
2
PIN 1
PIN 2
Case Positive
HERAF1601G THRU HERAF1608G
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds 0.25”,(6.35mm) from
case.
Mounting torque : 5 in – 1bs. max.
Weight: 2.24 grams
ITO-220AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HERAF
1601G
HERAF
1602G
HERAF
1603G
HERAF
1604G
HERAF
1605G
HERAF
1606G
HERAF
1607G
HERAF
1608G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Rectified
Current @TC =100
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@16.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
℃ at Rated DC Blocking Voltage
@ TA=125
IR
10.0
400
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
50
80
nS
Typical Junction Capacitance (Note 2)
Cj
150
110
pF
Typical Thermal Resistance (Note 3)
R
θJC
2.0
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D. C.
3.
Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.


Similar Part No. - HERAF1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF1601G TSC-HERAF1601G Datasheet
296Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G Datasheet
633Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G Datasheet
206Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
   Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HERAF1601G TSC-HERAF1601G_1 Datasheet
296Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERAF1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1601G TSC-HERF1601G Datasheet
64Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G Datasheet
55Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_1 Datasheet
133Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_10 Datasheet
490Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_10 Datasheet
484Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G Datasheet
99Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT Datasheet
110Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_1 Datasheet
382Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_10 Datasheet
684Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com