Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78LC18NTRG Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC78LC18NTRG
Description  MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC18NTRG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC78LC18NTRG Datasheet HTML 6Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 7Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 8Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 9Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 10Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 11Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 12Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 13Page - ON Semiconductor MC78LC18NTRG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC78LC00 Series
http://onsemi.com
11
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
MC78LC15NTR
1.5
LAG
Thin SOT23−5
MC78LC15NTRG
1.5
LAG
Thin SOT23−5
(Pb−Free)
MC78LC18NTR
1.8
LAH
Thin SOT23−5
MC78LC18NTRG
1.8
LAH
Thin SOT23−5
(Pb−Free)
MC78LC25NTR
2.5
LAI
Thin SOT23−5
MC78LC25NTRG
2.5
LAI
Thin SOT23−5
(Pb−Free)
MC78LC27NTR
2.7
LAJ
Thin SOT23−5
MC78LC27NTRG
2.7
LAJ
Thin SOT23−5
(Pb−Free)
MC78LC28NTR
2.8
LAK
Thin SOT23−5
MC78LC28NTRG
2.8
LAK
Thin SOT23−5
(Pb−Free)
3000 Units/7
″ Tape & Reel
MC78LC30NTR
3.0
LAL
Thin SOT23−5
MC78LC30NTRG
3.0
LAL
Thin SOT23−5
(Pb−Free)
MC78LC33NTR
3.3
LAM
Thin SOT23−5
MC78LC33NTRG
3.3
LAM
Thin SOT23−5
(Pb−Free)
MC78LC40NTR
4.0
LEC
Thin SOT23−5
MC78LC40NTRG
4.0
LEC
Thin SOT23−5
(Pb−Free)
MC78LC50NTR
5.0
LAN
Thin SOT23−5
MC78LC50NTRG
5.0
LAN
Thin SOT23−5
(Pb−Free)
MC78LC30HT1
3.0
0C
SOT−89
MC78LC30HT1G
3.0
0C
SOT−89
(Pb−Free)
MC78LC33HT1
3.3
3C
SOT−89
MC78LC33HT1G
3.3
3C
SOT−89
(Pb−Free)
1000 Units Tape & Reel
MC78LC40HT1
4.0
0D
SOT−89
1000 Units Tape & Reel
MC78LC40HT1G
4.0
0D
SOT−89
(Pb−Free)
MC78LC50HT1
5.0
0E
SOT−89
MC78LC50HT1G
5.0
0E
SOT−89
(Pb−Free)
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC78LC18NTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC18NTRG ONSEMI-MC78LC18NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC18NTRG ONSEMI-MC78LC18NTRG Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC18NTRG ONSEMI-MC78LC18NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results

Similar Description - MC78LC18NTRG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com