Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGP11N60ED Datasheet(PDF) 6 Page - ON Semiconductor

Part # MGP11N60ED
Description  SHORT CIRCUIT RATED LOW ON-VOLTAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGP11N60ED Datasheet(HTML) 6 Page - ON Semiconductor

  MGP11N60ED Datasheet HTML 1Page - ON Semiconductor MGP11N60ED Datasheet HTML 2Page - ON Semiconductor MGP11N60ED Datasheet HTML 3Page - ON Semiconductor MGP11N60ED Datasheet HTML 4Page - ON Semiconductor MGP11N60ED Datasheet HTML 5Page - ON Semiconductor MGP11N60ED Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MGP11N60ED
6
Motorola IGBT Device Data
PACKAGE DIMENSIONS
CASE 221A–09
TO–220AB
ISSUE Z
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J
STYLE 9:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shagawa–ku, Tokyo, Japan. 03–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MGP11N60ED/D


Similar Part No. - MGP11N60ED

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP11N60E MOTOROLA-MGP11N60E Datasheet
123Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP11N60E ONSEMI-MGP11N60E Datasheet
120Kb / 5P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
1997
More results

Similar Description - MGP11N60ED

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP11N60E ONSEMI-MGP11N60E Datasheet
120Kb / 5P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
1997
MGP14N60E ONSEMI-MGP14N60E Datasheet
121Kb / 5P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
SGL50N60RUFD FAIRCHILD-SGL50N60RUFD Datasheet
623Kb / 8P
   Short Circuit Rated IGBT
SGP15N60RUF FAIRCHILD-SGP15N60RUF Datasheet
588Kb / 6P
   Short Circuit Rated IGBT
SGP5N60RUF FAIRCHILD-SGP5N60RUF Datasheet
527Kb / 7P
   Short Circuit Rated IGBT
SGP5N60RUFD FAIRCHILD-SGP5N60RUFD Datasheet
616Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com