Electronic Components Datasheet Search |
|
MC7805BD2TR4G Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC7805BD2TR4G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 32 page MC7800, MC7800A, NCV7805 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh (Note 1), unless otherwise noted) MC7805B, NCV7805 MC7805C Characteristic Symbol Min Typ Max Min Typ Max Unit Output Voltage (TJ = 25°C) VO 4.8 5.0 5.2 4.8 5.0 5.2 Vdc Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W) 7.0 Vdc ≤ Vin ≤ 20 Vdc 8.0 Vdc ≤ Vin ≤ 20 Vdc VO − 4.75 − 5.0 − 5.25 4.75 − 5.0 − 5.25 − Vdc Line Regulation (Note 4) 7.5 Vdc ≤ Vin ≤ 20 Vdc, 1.0 A 8.0 Vdc ≤ Vin ≤ 12 Vdc Regline − − 5.0 1.3 100 50 − − 0.5 0.8 20 10 mV Load Regulation (Note 4) 5.0 mA ≤ IO ≤ 1.0 A 5.0 mA ≤ IO ≤ 1.5 A (TA = 25°C) Regload − − 1.3 0.15 100 50 − − 1.3 1.3 25 25 mV Quiescent Current IB − 3.2 8.0 − 3.2 6.5 mA Quiescent Current Change 7.0 Vdc ≤ Vin ≤ 25 Vdc 5.0 mA ≤ IO ≤ 1.0 A (TA = 25°C) DIB − − − − − 0.5 − − 0.3 0.08 1.0 0.8 mA Ripple Rejection 8.0 Vdc ≤ Vin ≤ 18 Vdc, f = 120 Hz RR − 68 − 62 83 − dB Dropout Voltage (IO = 1.0 A, TJ = 25°C) VI − VO − 2.0 − − 2.0 − Vdc Output Noise Voltage (TA = 25°C) 10 Hz ≤ f ≤ 100 kHz Vn − 10 − − 10 − mV/VO Output Resistance f = 1.0 kHz rO − 0.9 − − 0.9 − m W Short Circuit Current Limit (TA = 25°C) Vin = 35 Vdc ISC − 0.2 − − 0.6 − A Peak Output Current (TJ = 25°C) Imax − 2.2 − − 2.2 − A Average Temperature Coefficient of Output Voltage TCVO − −0.3 − − −0.3 − mV/ °C 1. Tlow =0°C for MC78XXAC, C, Thigh = +125°C for MC78XXAC, NCV7805 = *40°C for MC78XXB, MC78XXAB, NCV7805 2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Similar Part No. - MC7805BD2TR4G |
|
Similar Description - MC7805BD2TR4G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |