Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78LC25NTR Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC78LC25NTR
Description  MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC25NTR Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC78LC25NTR Datasheet HTML 3Page - ON Semiconductor MC78LC25NTR Datasheet HTML 4Page - ON Semiconductor MC78LC25NTR Datasheet HTML 5Page - ON Semiconductor MC78LC25NTR Datasheet HTML 6Page - ON Semiconductor MC78LC25NTR Datasheet HTML 7Page - ON Semiconductor MC78LC25NTR Datasheet HTML 8Page - ON Semiconductor MC78LC25NTR Datasheet HTML 9Page - ON Semiconductor MC78LC25NTR Datasheet HTML 10Page - ON Semiconductor MC78LC25NTR Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC78LC00 Series
http://onsemi.com
7
2.98
TA, Ambient Temperature (°C)
Figure 8. Output Voltage versus Temperature
−40
40
60
20
0
−20
80
2.9
3.02
2.94
3.06
3.1
MC78LC30NTR
Vin = 4.0 V
IO = 10 mA
−40
3.10
Figure 9. Output Voltage versus Temperature
Vin = 5.0 V
IO = 10 mA
3.06
3.02
2.98
2.94
2.90
−20
0
20406080
MC78LC30HT1
1.4
1.3
1.1
1.2
1
0.9
0.8
Vin, Input Voltage (V)
Figure 10. Quiescent Current versus Input Voltage
37
6
5
48
9
12
MC78LC30NTR
TA = 25°C
IO = 0 mA
10
11
3.0
Figure 11. Quiescent Current versus Input Voltage
TA = 25°C
1.4
1.3
1.2
1.1
1.0
0.9
0.8
4.0
5.0
6.0
7.0
8.0
9.0
10
MC78LC30HT1
0.75
0.5
1
1.25
1.5
1.75
TA, Ambient Temperature (°C)
−20
60
40
20
080
Figure 12. Quiescent Current versus Temperature
MC78LC30NTR
Vin = 4.0 V
IO = 0 mA
−40
Figure 13. Quiescent Current versus Temperature
Vin = 5.0 V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
−20
0
20
40
60
80
MC78LC30HT1
TA, Ambient Temperature (°C)
Vin, Input Voltage (V)
TA, Ambient Temperature (°C)


Similar Part No. - MC78LC25NTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC25NTR ONSEMI-MC78LC25NTR Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC25NTR ONSEMI-MC78LC25NTR Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC25NTRG ONSEMI-MC78LC25NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC25NTRG ONSEMI-MC78LC25NTRG Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC25NTRG ONSEMI-MC78LC25NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results

Similar Description - MC78LC25NTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com