Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT441L08-45J4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GLT441L08-45J4
Description  512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT441L08-45J4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GLT441L08-45J4 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT441L08-45J4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
G -LINK
GLT44108
512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Preliminary Aug 1999 (Rev.2.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No.24-2, Industry E. RD. IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 4 -
DC and Operating Characteristics (1-2)
TA = 0
°C to 70°C, VCC=5V±10%, VSS=0V, unless otherwise specified.
Sym.
Parameter
Test Conditions
Access
Time
Min.
Typ
Max. Unit Notes
ILI
Input Leakage Current
(any input pin)
0V
≤ V
IN
≤ 5.5V
(All other pins not under
test=0V)
-10
+10
µA
ILO
Output Leakage Current
(for High-Z State)
0V
≤ V
out
≤ 5.5V
Output is disabled (Hiz)
-10
+10
µA
ICC1
Operating Current,
Random READ/WRITE
tRC = tRC (min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
150
140
120
mA
1,2
ICC2
Standby Current,(TTL)
RAS , CAS , at VIH
other inputs
≥ V
SS
2
mA
ICC3
Refresh Current,
RAS -Only
RAS cycling,
CAS at VIH
tRC = tRC (min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
150
140
120
mA
2
ICC4
Operating Current,
FAST Page Mode
RAS at VIL,
CAS ,address
cycling:tPC=tPC(min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
150
140
120
mA
1,2
ICC5
Refresh Current,
CAS Before RAS
RAS , CAS ,
address cycling:
tRC=tRC(min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
150
140
120
mA
1
ICC6
Standby Current, (CMOS)
RAS
≥ V
CC-0.2V,
CAS
≥ V
CC-0.2V,
All other inputs
≥V
SS
1
mA
VIL
Input Low Voltage
-1
+0.8
V
3
VIH
Input High Voltage
2.4
VCC+1
V
3
VOL
Output Low Voltage
IOL = 4.2mA
0.4
V
VOH
Output High Voltage
IOH = -5mA
2.4
V
Notes:
1.ICC is dependent on output loading when the device output is selected. Specified ICC(max.) is measured with the output
open.
2.ICC is dependent upon the number of address transitions specified. ICC(max.) is measured with a maximum of one transition
per address cycle in random Read/Write and Fast Page Mode.
3. Specified VIL(min.) is steady state operation. During transitions, VIL(min.) may undershoot to -1.0V for a period
not to exceed 20ns.All AC parameters are measured with VIL(min.)
≥Vss and VIH(max.)≤Vcc.


Similar Part No. - GLT441L08-45J4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25J4 ETC-GLT44016-25J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25TC ETC-GLT44016-25TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28J4 ETC-GLT44016-28J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28TC ETC-GLT44016-28TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT441L08-45J4

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Samsung semiconductor
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com