Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW11-QR000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-CW11-QR000
Description  T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CW11-QR000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-CW11-QR000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CW11-QR000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CW11-QR000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CW11-QR000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CW11-QR000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CW11-QR000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
These high intensity white LED
lamps are based on InGaN
material technology. A blue
LED die is coated by
phosphor to produce white.
The typical resulting color is
described by the coordinates x
= 0.31, y = 0.31 using the 1931
CIE Chromaticity Diagram.
Agilent HLMP-CWxx
T-1 ¾ (5mm) Extra Bright
Precision Optical Performance
White LED Lamps
Data Sheet
Features
••••• Well defined spatial radiation
pattern
••••• High luminous white emission
••••• Viewing angle: 15°°°°°, 23°°°°° and 30°°°°°
••••• Standoff or non-standoff leads
••••• Superior resistance to moisture
Applications
••••• Electronic signs and signals
••••• Small area illumination
••••• Legend backlighting
••••• General purpose indicators
Benefit
••••• Reduced power consumption,
higher reliability, and increased
optical/mechanical design
flexibility compared to
incandescent bulbs and other
alternative white light sources.
Caution: Devices are Class 1 ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-CW11, HLMP-CW12, HLMP-CW26, HLMP-CW27,
HLMP-CW36, HLMP-CW37
These T-1 ¾ lamps are
untinted, non-diffused, and
incorporate precise optics
which produce well-defined
spatial radiation patterns at
specific viewing cone angle.


Similar Part No. - HLMP-CW11-QR000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW15 AVAGO-HLMP-CW15 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW15-TW0XX AVAGO-HLMP-CW15-TW0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW15-UV0XX AVAGO-HLMP-CW15-UV0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW15-VWBXX AVAGO-HLMP-CW15-VWBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW15-VY0XX AVAGO-HLMP-CW15-VY0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results

Similar Description - HLMP-CW11-QR000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com