Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT441L08-40P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GLT441L08-40P
Description  512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT441L08-40P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GLT441L08-40P Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT441L08-40P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
G -LINK
GLT44108
512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Preliminary Aug 1999 (Rev.2.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No.24-2, Industry E. RD. IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 1 -
Features :
Description :
524,288 words by 8 bits organization.
Fast access time and cycle time.
Low power dissipation.
Operating Current-150mA max.
TTL Standby Current-2mA max.
Read-Modify-Write, RAS -Only Refresh,
CAS -Before- RAS Refresh, Hidden
Refresh and Test Mode Capability.
1024 refresh cycles/16ms.
Available in 28pin 400 mil SOJ
Single +5.0V
±10% Power Supply.
All inputs and Outputs are TTL-
compatible.
Fast Page Mode supports sustained data
rates up to 50MHZ.
The GLT44108 is a 524,288 x 8 bit high-
performance
CMOS
dynamic
random
access
memory. The GLT44108 offers Fast Page mode with
asymmetric address and accepts 512-cycle refresh in
8ms interval.
All inputs are TTL compatible. Fast Page Mode
operation allows random access up to 512 x 8 bits
within a page, with cycle times as short as 22ns.
The GLT44108 is best suited for graphics, digital
signal processing and high performance peripherals.
PIN CONFIGURATION :
Vcc
DQ0
A9
A0
A1
A2
A3
1
2
3
4
5
6
8
9
10
11
12
13
22
21
19
18
17
16
15
26
25
24
23
NC
A8
A7
VSS
DQ7
DQ1
NC
VCC
DQ6
A6
A5
VSS
14
27
28
DQ5
DQ4
CAS
OE
20
A4
7
DQ3
DQ2
WE
RAS
GLT44108
28 Lead SOJ


Similar Part No. - GLT441L08-40P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25J4 ETC-GLT44016-25J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25TC ETC-GLT44016-25TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28J4 ETC-GLT44016-28J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28TC ETC-GLT44016-28TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT441L08-40P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Samsung semiconductor
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com