Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7823 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 5Page - Texas Instruments AMC7823 Datasheet HTML 6Page - Texas Instruments AMC7823 Datasheet HTML 7Page - Texas Instruments AMC7823 Datasheet HTML 8Page - Texas Instruments AMC7823 Datasheet HTML 9Page - Texas Instruments AMC7823 Datasheet HTML 10Page - Texas Instruments AMC7823 Datasheet HTML 11Page - Texas Instruments AMC7823 Datasheet HTML 12Page - Texas Instruments AMC7823 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
www.ti.com
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NO.
NAME
12
CH1
Analog input channel 1
13
CH2
Analog input channel 2
14
CH3
Analog input channel 3
15
AGND
Analog ground
16
AVDD
Analog power supply, +3 V to +5 V. Must be the same value as DVDD.
17
CH4
Analog input channel 4
18
CH5
Analog input channel 5
19
CH6
Analog input channel 6
20
CH7
Analog input channel 7
When external reference connects here, the internal reference is overridden. When internal reference
21
EXT_REF_IN
is selected, this pin works as output of the internal reference (with 10-k
Ω output impedance). See
Reference section for details.
22
DAC-4_OUT
Output of DAC-4
23
DAC-5_OUT
Output of DAC-5
24
DAC-6_OUT
Output of DAC-6
25
DAC-7_OUT
Output of DAC-7
26
RESET
Reset input. Logic low on this pin causes the part to perform hardware reset.
27
GPIO-0/ALR0
Multiple function I/O pin. Works as digital I/O or ALR pin of the first analog input.
28
GPIO-1/ALR1
Multiple function I/O pin. Works as digital I/O or ALR pin of the second analog input.
29
GPIO-2/ALR2
Multiple function I/O pin. Works as digital I/O or ALR pin of the third analog input.
30
GPIO-3/ALR3
Multiple function I/O pin. Works as digital I/O or ALR pin of the fourth analog input.
External conversion trigger. The rising edge starts sampling and conversion of the ADC when
31
CONVERT
external trigger mode is selected.
32
SCLK
Serial clock input
33
MOSI
Master out, slave in. Digital data input for the serial interface
34
MISO
Master in, slave out. Digital data output for the serial interface
Slave select input (active low). Data is not clocked into MOSI unless SS is low. When SS is high,
35
SS
MISO is in high-impedance status.
36
BVDD
Interface power supply. Connects to 3 V for 3-V logic; connects to 5 V for 5-V logic.
37
DVDD
Digital power supply (+3 V to +5 V). Must be the same value as AVDD.
38
DGND
Digital ground
39
GPIO4
General-purpose digital I/O pin
40
GPIO5
General-purpose digital I/O pin
9


Similar Part No. - AMC7823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823IRTAR TI-AMC7823IRTAR Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823IRTARG4 TI-AMC7823IRTARG4 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823IRTAT TI-AMC7823IRTAT Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823IRTATG4 TI-AMC7823IRTATG4 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
More results

Similar Description - AMC7823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com