Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGB15N35CLT4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGB15N35CLT4
Description  Internally Clamped N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGB15N35CLT4 Datasheet(HTML) 1 Page - ON Semiconductor

  MGB15N35CLT4 Datasheet HTML 1Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 2Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 3Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 4Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 5Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 6Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 7Page - ON Semiconductor MGB15N35CLT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 0
1
Publication Order Number:
MGP15N35CL/D
MGP15N35CL,
MGB15N35CL,
MGC15N35CL
Internally Clamped
N-Channel IGBT
This Logic Level Insulated Gate Bipolar Transistor (IGBT) features
monolithic circuitry integrating ESD and Over–Voltage clamped
protection for use in inductive coil drivers applications. Primary uses
include Ignition, Direct Fuel Injection, or wherever high voltage and
high current switching is required.
Gate–Emitter ESD Protection
Temperature Compensated Gate–Collector Voltage Clamp Limits
Stress Applied to Load
Integrated ESD Diode Protection
Low Threshold Voltage to Interface Power Loads to Logic or
Microprocessor Devices
Low Saturation Voltage
High Pulsed Current Capability
Optional Gate Resistor (RG)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
380
VDC
Collector–Gate Voltage
VCER
380
VDC
Gate–Emitter Voltage
VGE
22
VDC
Collector Current–Continuous
@ TC = 25°C
IC
15
ADC
Total Power Dissipation
@ TC = 25°C
Derate above 25
°C
PD
136
1.0
Watts
W/
°C
Operating and Storage Temperature
Range
TJ, Tstg
–55 to
175
°C
N–CHANNEL IGBT
15 A, 350 V
VCE(on) = 1.8 V MAX
http://onsemi.com
TO–220
CASE 221A
STYLE 9
MARKING
DIAGRAMS
G
C
E
D2PAK
CASE 418B
STYLE 3
Device
Package
Shipping
ORDERING INFORMATION
MGP15N35CL
TO–220
50 Units/Rail
MGC15N35CL
Die Options
Not Applicable
MGB15N35CLT4
D2PAK
800 Tape & Reel
C
E
G
RGE
RG
GB15N35CL
ALYYWW
ALYYWW
GP15N35CL
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week


Similar Part No. - MGB15N35CLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGB15N35CLT4 ONSEMI-MGB15N35CLT4 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results

Similar Description - MGB15N35CLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N43CL ONSEMI-MGP15N43CL Datasheet
70Kb / 4P
   Internally Clamped N-Channel IGBT
MGP15N38CL ONSEMI-MGP15N38CL Datasheet
71Kb / 4P
   Internally Clamped N-Channel IGBT
logo
Motorola, Inc
MGP20N14CL MOTOROLA-MGP20N14CL Datasheet
77Kb / 4P
   Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP20N40CL ONSEMI-MGP20N40CL Datasheet
118Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
MGP20N14CL ONSEMI-MGP20N14CL Datasheet
75Kb / 4P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
REV 2
logo
Motorola, Inc
MGP20N40CL MOTOROLA-MGP20N40CL Datasheet
133Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
MGP20N35CL MOTOROLA-MGP20N35CL Datasheet
200Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP20N35CL ONSEMI-MGP20N35CL Datasheet
120Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
   N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com