Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7311 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7311
Description  2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7311 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7311 Datasheet HTML 1Page - Maxim Integrated Products MAX7311 Datasheet HTML 2Page - Maxim Integrated Products MAX7311 Datasheet HTML 3Page - Maxim Integrated Products MAX7311 Datasheet HTML 4Page - Maxim Integrated Products MAX7311 Datasheet HTML 5Page - Maxim Integrated Products MAX7311 Datasheet HTML 6Page - Maxim Integrated Products MAX7311 Datasheet HTML 7Page - Maxim Integrated Products MAX7311 Datasheet HTML 8Page - Maxim Integrated Products MAX7311 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2-Wire-Interfaced 16-Bit I/O Port Expander
with Interrupt and Hot-Insertion Protection
_______________________________________________________________________________________
3
Note 1: All parameters are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Minimum SCL clock frequency is limited by the MAX7311 bus timeout feature, which resets the serial bus interface if either
SDA or SCL is held low for a minimum of 25ms. Disable bus timeout feature for DC operation.
Note 3: A master device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIL of the SCL
signal) in order to bridge the undefined region SCL’s falling edge.
Note 4: CB = total capacitance of one bus line in pF.
Note 5: The maximum tF for the SDA and SCL bus lines is specified at 300ns. The maximum fall time for the SDA output stage tF is
specified at 250ns. This allows series protection resistors to be connected between the SDA and SCL pins and the
SDA/SCL bus lines without exceeding the maximum specified tF.
Note 6: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.
DC ELECTRICAL CHARACTERISTICS (continued)
(V+ = 2V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Leakage Current
-1
+1
µA
Input Capacitance
4pF
INT
Low-Level Output Current
IOL
VOL = 0.4V
6
mA
AC ELECTRICAL CHARACTERISTICS
(V+ = 2V to 5.5V, TA = -40°C to +125°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 2)
400
kHz
Bus Timeout
tTIMEOUT
29
61
ms
Bus Free Time Between STOP
and START Conditions
tBUF
Figure 2
1.3
µs
Hold Time (Repeated) START
Condition
tHD,STA
Figure 2
0.6
µs
Repeated START Condition
Setup Time
tSU,STA
Figure 2
0.6
µs
STOP Condition Setup Time
tSU,STO
Figure 2
0.6
µs
Data Hold Time
tHD,DAT
Figure 2 (Note 3)
0.9
µs
Data Setup Time
tSU,DAT
Figure 2
100
ns
SCL Low Period
tLOW
Figure 2
1.3
µs
SCL High Period
tHIGH
Figure 2
0.7
µs
V+ < 3.3V
500
SDA Fall Time
tF
Figure 2 (Notes 4, 5)
V+
≥ 3.3V
250
ns
Pulse Width of Spike Suppressed
tSP
(Note 6)
50
ns
PORT TIMING
Output Data Valid
tPV
Figure 7
3
µs
Input Data Setup Time
27
µs
Input Data Hold Time
0µs
INTERRUPT TIMING
Interrupt Valid
tIV
Figure 9
30.5
µs
Interrupt Reset
tIR
Figure 9
2
µs


Similar Part No. - MAX7311

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7311EVKIT MAXIM-MAX7311EVKIT Datasheet
1Mb / 11P
   Windows 2000/XP/Vista (32-Bit)-Compatible Evaluation Software
2020
More results

Similar Description - MAX7311

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
MAX7318 MAXIM-MAX7318_07 Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
MAX7318 MAXIM-MAX7318 Datasheet
312Kb / 16P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 2; 4/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7317 MAXIM-MAX7317 Datasheet
288Kb / 12P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
Rev 2; 4/05
MAX7317 MAXIM-MAX7317_V01 Datasheet
783Kb / 11P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
19-3380; Rev 4; 4/15
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com