Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78LC28NTRG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC78LC28NTRG
Description  MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC28NTRG Datasheet(HTML) 3 Page - ON Semiconductor

  MC78LC28NTRG Datasheet HTML 1Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 2Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 3Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 4Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 5Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 6Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 7Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 8Page - ON Semiconductor MC78LC28NTRG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC78LC00 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 1.0 V, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
(Note 5)
NTR SUFFIX
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25°C, Iout = 1.0 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
4.0 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.94
3.234
3.9
4.90
1.5
1.8
2.5
2.7
2.8
3.0
3.3
4.0
5.0
1.545
1.854
2.575
2.754
2.856
3.06
3.366
4.1
5.10
V
Output Voltage (TA = −40°C to 85°C)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
4.0 V
5.0 V
Vout
1.455
1.746
2.425
2.619
2.716
2.910
3.201
3.9
4.90
1.5
1.8
2.5
2.7
2.8
3.0
3.3
4.0
5.0
1.545
1.854
2.575
2.781
2.884
3.09
3.399
4.1
5.10
V
Line Regulation (Vin = VO(nom.) + 1.0 V to 12 V, Iout = 1.0 mA)
Regline
0.05
0.2
%/V
Load Regulation (Iout = 1.0 mA to 10 mA)
Regload
40
60
mV
Output Current (Note 6)
1.5 V, 1.8 V (Vin = 4.0 V)
2.5 V, 2.7 V, 2.8 V, 3.0 V (Vin = 5.0 V)
3.3 V (Vin = 6.0 V)
4.0 V (Vin = 7.0 V)
5.0 V (Vin = 8.0 V)
Iout
35
50
50
80
80
50
80
80
80
100
mA
Dropout Voltage (Iout = 1.0 mA, Measured at Vout −3.0%)
1.5 V
1.6 V−3.2 V
3.3 V−3.9 V
4.0 V−5.0 V
Vin−Vout
35
30
30
30
70
60
53
38
mV
Quiescent Current (Iout = 1.0 mA to IO(nom.))
IQ
1.1
3.6
mA
Output Voltage Temperature Coefficient
Tc
"100
ppm/
°C
Output Noise Voltage (f = 1.0 kHz to 100 kHz)
Vn
89
mVrms
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 200 V
2. Latch up capability (85
°C) "100 mA
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) * TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
6. Output Current is measured when Vout = VO1 − 3% where VO1 = Vout at Iout = 0 mA.


Similar Part No. - MC78LC28NTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC28NTRG ONSEMI-MC78LC28NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC28NTRG ONSEMI-MC78LC28NTRG Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC28NTRG ONSEMI-MC78LC28NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results

Similar Description - MC78LC28NTRG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com