Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GT16 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC68HC908GT16
Description  Microcontrollers
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GT16 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC68HC908GT16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC908GT16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 278 page
background image
Revision History
MC68HC908GT16 • MC68HC908GT8 Data Sheet, Rev. 3
4
Freescale Semiconductor
June,
2002
2.0
Figure 2-2. Control, Status, and Data Registers — Corrected ESCI arbiter data
register (SCIADAT) to reflect read-only status
50
Figure 14-19. ESCI Arbiter Control Register (SCIACTL) — Corrected address
location designator from $0018 to $000A
170
Figure 14-20. ESCI Arbiter Data Register (SCIADAT) — Corrected address
location designator from $0019 to $000B
171
September,
2004
3.0
Reformatted to meet current publications standards
Throughout
1.5.6 ADC Reference Pins (VREFH and VREFL) — Corrected connections
24
2.6.3 FLASH Page Erase Operation — Updated procedure
39
2.6.4 FLASH Mass Erase Operation — Updated procedure
40
2.6.5 FLASH Program/Read Operation — Updated procedure
41
2.6.6 FLASH Block Protection — Description updated for clarity
43
3.3.5 Conversion — Updated for clarity
50
3.6.3 ADC Voltage Reference High Pin (VREFH) — Corrected connections
51
3.6.4 ADC Voltage Reference Low Pin (VREFL) — Corrected connections
51
3.7.1 ADC Status and Control Register — Updated description of the COCO bit
52
Chapter 4 Configuration Register (CONFIG) — Updated COP tmeout selections
55, 57
Chapter 4 Configuration Register (CONFIG) — Updted SSREC bit usage
58
Chapter 5 Computer Operating Properly (COP) Module — Updated timeout
selections
60
Figure 5-1. COP Block Diagram — Updated illustration for clarity
59
Table 6-1. Instruction Set Summary — Updated definitions for STOP and WAIT
68
Figure 7-9. Code Example for Switching Clock Sources — Replaced example
code
87
Figure 7-10. Code Example for Enabling the Clock Monitor — Replaced example
code
88
Figure 14-18. ESCI Prescaler Register (SCPSC) — Corrected address location
170
Chapter 15 System Integration Module (SIM) — Clarified SIM features and
functionality
177, 180,
181, 182
15.7.2 SIM Reset Status Register — Clarified SRSR operation
192
Table 19-1. Monitor Mode Signal Requirements and Options — Reworked
245
19.2.1 Functional Description — Corrected Break description
235, 238
19.3 Monitor Module (MON) — Reworked
241
Chapter 20 Electrical Specifications — Revised/added tables:
20.5 5.0-V DC Electrical Characteristics
20.6 3.0-V DC Electrical Characteristics
20.7 Supply Current Characteristics
20.8 5-V Control Timing
20.9 3-V Control Timing
255
256
257
258
258
20.20 Memory Characteristics — Updated memory table
271
Chapter 20 Electrical Specifications — Added figures:
Figure 20-1. RST and IRQ Timing
Figure 20-2. RST and IRQ Timing
258
258
Revision History (Sheet 2 of 2)
Date
Revision
Level
Description
Page
Number(s)


Similar Part No. - MC68HC908GT16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
3Mb / 292P
   Microcontrollers
logo
Motorola, Inc
MC68HC908GT16 MOTOROLA-MC68HC908GT16 Datasheet
1Mb / 412P
   Microcontrollers
logo
Freescale Semiconductor...
MC68HC908GT16 FREESCALE-MC68HC908GT16_07 Datasheet
3Mb / 292P
   Microcontrollers
More results

Similar Description - MC68HC908GT16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com