Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6K07FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6K07FU
Description  DC-DC Converters High Speed Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K07FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6K07FU Datasheet HTML 1Page - Toshiba Semiconductor SSM6K07FU Datasheet HTML 2Page - Toshiba Semiconductor SSM6K07FU Datasheet HTML 3Page - Toshiba Semiconductor SSM6K07FU Datasheet HTML 4Page - Toshiba Semiconductor SSM6K07FU Datasheet HTML 5Page - Toshiba Semiconductor SSM6K07FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSM6K07FU
2003-03-28
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K07FU
DC-DC Converters
High Speed Switching Applications
· Small package
· Low on resistance : Ron = 130 mΩ max (@VGS = 10 V)
: Ron = 220 mΩ max (@VGS = 4 V)
· Low input capacitance : Ciss = 102 pF typ.
: Crss = 22 pF typ.
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
30
V
Gate-source voltage
VGSS
±20
V
DC
ID
1.5
Drain current
Pulse
IDP
3.0
A
Drain power dissipation
PD
(Note 1)
300
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Note 1: Mounted on FR4 board.
(25.4 mm
´ 25.4 mm ´ 1.6 t, Cu pad: 0.32 mm
2 ´ 6)
Marking
Equivalent Circuit (top view)
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment
is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other
objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2J1D
Weight: 6.8 mg (typ.)


Similar Part No. - SSM6K07FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K07FU TOSHIBA-SSM6K07FU Datasheet
677Kb / 6P
   DC-DC Converters
SSM6K07FU TOSHIBA-SSM6K07FU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM6K07FU VBSEMI-SSM6K07FU Datasheet
1,009Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM6K07FU TOSHIBA-SSM6K07FU_07 Datasheet
677Kb / 6P
   DC-DC Converters
More results

Similar Description - SSM6K07FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8507 TOSHIBA-TPCP8507 Datasheet
209Kb / 5P
   High-Speed Switching Applications DC/DC Converters
TPCP8603 TOSHIBA-TPCP8603 Datasheet
209Kb / 5P
   High-Speed Switching Applications DC/DC Converters Strobe Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2070 TOSHIBA-2SA2070_10 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SC6133 TOSHIBA-2SC6133 Datasheet
146Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com