Electronic Components Datasheet Search |
|
C114G102C2G5CP Datasheet(PDF) 8 Page - Kemet Corporation |
|
C114G102C2G5CP Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 40 page CERAMIC CONFORMALLY COATED/RADIAL “GOLDEN MAX” KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 8 KEMET ® S C315 C320 C330 C340 C350 H * C333 H *.276 (7.00) MIN. S C323 H * S H * C317 C322 S D .060 (1.52) MAX. L T * DIMENSIONS — INCHES & MILLIMETERS CASE L H T S(1) D SIZE MAX. MAX. MAX. ±.030 +.004 - .001 C315 .150 (3.81) .210 (5.33) .100 (2.54) .100 (2.54) .020 (.51) C317 .150 (3.81) .230 (5.84) .100 (2.54) .200 (5.08) .020 (.51) C320 .200 (5.08) .260 (6.60) .125 (3.18) .100 (2.54) .020 (.51) C322 .200 (5.08) .260 (6.60) .125 (3.18) .200 (5.08) .020 (.51) C323 .200 (5.08) .320 (8.13) .125 (3.18) .200 (5.08) .020 (.51) C330 .300 (7.62) .360 (9.14) .150 (3.81) .200 (5.08) .020 (.51) C333 .300 (7.62) .390 (9.91) .150 (3.81) .200 (5.08) .020 (.51) C340 .400 (10.16) .460 (11.68) .150 (3.81) .200 (5.08) .020 (.51) C350 .500 (12.70) .560 (14.22) .200 (5.08) .400 (10.16) .025 (.64) NOTE: 1 inch = 25.4 mm. NOTE: (1) Measured at seating plane. For packaging information, see pages 33 and 34. M 102 320 C 5 C A R 1 C CERAMIC CASE SIZE (See Table Above) SPECIFICATION C — Standard CAPACITANCE, CODE Expressed in Picofarads (pF) First Two Digits — Significant Figures Third Digit — Number of Zeros (Use 9 for 1.0 thru 9.9 pF. Example: 2.2pF — 229) FAILURE RATE INTERNAL CONSTRUCTION CAPACITANCE TOLERANCE D — ±0.5 pF F — ±1% G — ±2% J — ±5% A — Not Applicable K — ±10% M — ±20% Z — -20, +80% LEAD MATERIAL C — Standard 5 — Standard DIELECTRIC EIA Designation G — C0G (NP0) — Ultra-Stable R — X7R — Stable U — Z5U — General Purpose RATED VOLTAGE 2 — 200 1 — 100 5 — 50 * *Part Number Example: C320C102M1R5CA (14 digits – no spaces) ORDERING INFORMATION Drawings are not to scale. See table below for dimensions. See page 9 for optional lead configurations. STANDARD LEAD CONFIGURATION — OUTLINE DRAWINGS 0988 Layout rev 8/9/2000 9:54 AM Page 8 |
Similar Part No. - C114G102C2G5CP |
|
Similar Description - C114G102C2G5CP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |