Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S4M
Description  4.0 AMPS. Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S4M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S4M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S4M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 488 -
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
S4A THRU S4M
4.0 AMPS. Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
4.0 Amperes
Features
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-O
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol S4A S4B S4D S4G S4J S4K S4M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current
@TL =75
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 4.0A
VF
1.15
V
Maximum DC Reverse Current
@ TA =25
℃ at Rated DC Blocking Voltage
@ TA=125
IR
10.0
250
uA
uA
Typical Thermal Resistance (Note 3)
R
θJL
R
θJA
13
47
℃/W
Maximum Reverse Recovery Time
( Note 1 )
Trr
2.5
uS
Typical Junction Capacitance ( Note 2 )
Cj
60
pF
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Measured on P.C. Board with 0.6 x 0.6” (16 x 16mm) Copper Pad Areas.


Similar Part No. - S4M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4M TSC-S4M Datasheet
279Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Semtech Corporation
S4M SEMTECH-S4M Datasheet
143Kb / 3P
   RECTIFIER, up to 1kV, 2A, 2關s
logo
Taiwan Semiconductor Co...
S4M TSC-S4M Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4M TSC-S4M Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4M LUGUANG-S4M Datasheet
237Kb / 2P
   4.0AMPS. Surface Mount Rectifiers
More results

Similar Description - S4M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4A TSC-S4A_10 Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A_11 Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A_1 Datasheet
279Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
MUR405 JGD-MUR405 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
S3A YANGJIE-S3A Datasheet
703Kb / 2P
   3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S2A LUGUANG-S2A Datasheet
212Kb / 2P
   2.0 AMPS. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA Datasheet
51Kb / 2P
   1.5 AMPS. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com