Electronic Components Datasheet Search |
|
M61504FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
M61504FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor |
6 / 17 page ELECTRIC MITSUBISHI M61504FP ( / ) 17 MITSUBISHI SOUND PROCESSORS DIGITAL SOUND CONTROLLER WITH SURROUND 6 DATA CONTROL SPECIFICATION For kinds of input format options are availably by changing slot settings of DC,DD. (When the IC is powered up,the internal setting are not fixed.) <MUTE cancellation data> (x is optional setting) D04 D14 D24 D34 D44 D54 D64 D74 D84 D94 DA4 DB4 DC DD DE DF X X X 0 X 1 X X X X X X 1 1 0 0 (1) (2) Tip address D01 D11 D21 D31 D41 D51 D61 D71 0 0 TONE CONTROL MID TONE CONTROL BASS TONE CONTROL TREBLE DF DE D81 D91 DA1 DB1 DC DD 0 0 (3) DO2 D12 D22 D32 D42 D52 D62 D72 0 0 B1 VOLUME CH 1 DF DE D82 D92 DA2 DB2 DC DD A1 VOLUME CH 1 0 1 DO3 D13 D23 D33 D43 D53 D63 D73 0 0 B1 VOLUME CH2 DF DE D83 D93 DA3 DB3 DC DD A1 VOLUME CH 2 1 0 (4) A INPUT VOLUME SELECTOR DO4 D14 D24 D34 D44 D54 D64 D74 0 0 DF DE D84 D94 DA4 DB4 DC DD INPUT SELECTOR INPUT VOLUME 1 1 1 REC-A ON:1 OFF:0 SURROUND 0 Surround of outside setting, it becomes "D54=1"--->Sw41 and 42 setting = B fixation. Surround of inside setting ( Surround of outside non setting), It becomes "D54=0"--->Sw41 and 42 setting = A fixation. In power supply investing to Mute an output in, It becomes setting like the following. Input selector = ALL OFF, Outside surround mode setting, REC-A,B SW=OFF,B1 main volume= - ∞ setting. The similar MUTE setting can be done by setting D34=D54=1. It is impossible to use the vocal cut and the inside surround function, First. it sets the vocal cut ON after setting the inside surround ON, in case of switching to the vocal cut ON setting from the inside surround ON setting. And it sets the inside surround ON after setting the vocal cut On, in case of switching to the inside surround ON setting from the vocal cut ON setting. REC-B ON:1 OFF:0 Mute SURROUN D OF OUTSIDE SETTING SURROUN D OF INSIDE SETTING Note1) INPUT D ATT SW LOUD NESS SW TONE INPUT SELE CTOR Note) 0 B INPUT VOLUME SELECTOR Note1) Note2) Note3) VOCAL CUT D Input ATT SW -5/-8dB Note3) Note3) |
Similar Part No. - M61504FP |
|
Similar Description - M61504FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |