Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1608G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFF1608G
Description  Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF1608G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFF1608G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF1608G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 285 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (SFF1601G THRU SFF1608G)
FIG.6- TYPICAL FORWARD CHARACTERISTICS
PER LEG
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
0.03
1
0.3
10
3
30
100
FORWARD VOLTAGE. (V)
SF
F1
607
G~
SF
F1
608
G
SF
F16
05G
~S
FF
1606G
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
15
2
10
20
50
100
200
500
50
60
70
80
90
100
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
0
50
100
150
0
4
8
12
16
20
CASE TEMPERATURE. ( C)
o
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
2
5
10
20
100
50
150
120
90
60
30
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
TJ=125 C
0
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
1000
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
40
1000
TJ=25 C
0
TJ=100 C
0
TJ=75 C
0


Similar Part No. - SFF1608G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1608G TSC-SFF1608G Datasheet
331Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1608G TSC-SFF1608G Datasheet
187Kb / 2P
   16.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
SFF1608G LUGUANG-SFF1608G Datasheet
223Kb / 2P
   Isolated16.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFF1608G TSC-SFF1608G Datasheet
428Kb / 3P
   16.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1608G TSC-SFF1608G Datasheet
401Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFF1608G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_1 Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G_1 Datasheet
263Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_10 Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT Datasheet
347Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_10 Datasheet
610Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com