Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR106S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFR106S
Description  1.0 AMP. Soft Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFR106S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFR106S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFR106S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 421 -
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (SFR101S THRU SFR107S)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
0.4
0.6
0.8
1.0
1.2
1.4
10
20
0.1
.01
.03
0.3
1.0
3.0
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
4
6
10
100
60
40
20
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
8
12
4
6
40
20
100
80
60
10
50
40
30
20
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
.50
0
.25
.75
1.0
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375"9.5mm)
Lead Length
1
50
30
10
90
20
70


Similar Part No. - SFR106S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SFR106S LUGUANG-SFR106S Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFR106S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFR101S TSC-SFR101S_1 Datasheet
241Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1_1 Datasheet
258Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR101 TSC-SFR101_1 Datasheet
248Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
   1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR101 LUGUANG-SFR101 Datasheet
200Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com