Electronic Components Datasheet Search |
|
SFT11G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
SFT11G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 2 page - 237 - FIG.2- MAXIMUM AVERAGE FORWARD CURRENT DERATING FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 25 50 75 100 125 150 175 0.5 0 1.0 1.5 AMBIENT TEMPERATURE. ( C) o 50 W NONINDUCTIVE 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) PULSE GENERATOR (NOTE 2) DUT (+) 50Vdc (approx) (-) NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms (-) (+) 10 W NONINDUCTIVE -1.0A -0.25A 0 +0.5A trr 1cm SET TIME BASE FOR 5/ 10ns/ cm Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length RATINGS AND CHARACTERISTIC CURVES (SFT11G THRU SFT18G) FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 1 2 5 10 20 100 50 5 10 15 25 20 30 NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine Wave JEDEC Method FIG.4- TYPICAL FORWARD CHARACTERISTICS 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1 10 100 FORWARD VOLTAGE. (V) FIG.3- TYPICAL REVERSE CHARACTERISTICS 0 20 40 60 80 100 120 140 0.1 1 10 100 1000 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) Tj=25 C 0 Tj=75 C 0 Tj=125 C 0 FIG.6- TYPICAL JUNCTION CAPACITANCE 0.1 0.5 1 5 2 10 20 50 100 200 500 10 20 30 REVERSE VOLTAGE. (V) SFT1 1G~SFT14G SFT15G~SFT18G Tj=25 C 0 Tj=25 C Pulse Width=300 s 1% Duty Cycle o 40 50 60 70 0 0 0 0 35 |
Similar Part No. - SFT11G |
|
Similar Description - SFT11G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |