Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7805CD2TR4 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC7805CD2TR4
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CD2TR4 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC7805CD2TR4 Datasheet HTML 4Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 5Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 6Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 7Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 8Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 9Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 10Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 11Page - ON Semiconductor MC7805CD2TR4 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 1.0 A, TJ = Tlow to Thigh (Note 11), unless otherwise noted)
MC7808AB/MC7808AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
7.84
8.0
8.16
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
10.6 Vdc
≤ Vin ≤ 23 Vdc
VO
7.7
8.0
8.3
Vdc
Line Regulation (Note 12)
10.6 Vdc
≤ Vin ≤ 25 Vdc, IO = 500 mA
11 Vdc
≤ Vin ≤ 17 Vdc, IO = 1.0 A
10.4 Vdc
≤ Vin ≤ 23 Vdc, TJ = 25°C
Regline
6.0
1.7
5.0
15
18
15
mV
Load Regulation (Note 12)
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
5.0 mA
≤ IO ≤ 1.0 A
250 mA
≤ IO ≤ 750 mA
Regload
1.4
1.0
0.22
25
25
15
mV
Quiescent Current
IB
3.3
6.0
mA
Quiescent Current Change
11 Vdc
≤ Vin ≤ 25 Vdc, IO = 500 mA
10.6 Vdc
≤ Vin ≤ 23 Vdc, IO = 1.0 A, TJ = 25°C
5.0 mA
≤ IO ≤ 1.0 A
DIB
0.8
0.8
0.5
mA
Ripple Rejection
11.5 Vdc
≤ Vin ≤ 21.5 Vdc, f = 120 Hz, IO = 500 mA
RR
56
62
dB
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
2.0
Vdc
Output Noise Voltage (TA = 25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
10
mV/VO
Output Resistance f = 1.0 kHz
rO
0.9
m
W
Short Circuit Current Limit (TA = 25°C)
Vin = 35 Vdc
ISC
0.2
A
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.4
mV/
°C
11. Tlow =0°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
12. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - MC7805CD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7805CD2TR4 ONSEMI-MC7805CD2TR4 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7805CD2TR4G ONSEMI-MC7805CD2TR4G Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7805CD2TR4G ONSEMI-MC7805CD2TR4G Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC7805CD2TR4G ONSEMI-MC7805CD2TR4G Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7805CD2TR4G ONSEMI-MC7805CD2TR4G Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results

Similar Description - MC7805CD2TR4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com