Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGS05N60D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGS05N60D
Description  Insulated Gate Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGS05N60D Datasheet(HTML) 1 Page - ON Semiconductor

  MGS05N60D Datasheet HTML 1Page - ON Semiconductor MGS05N60D Datasheet HTML 2Page - ON Semiconductor MGS05N60D Datasheet HTML 3Page - ON Semiconductor MGS05N60D Datasheet HTML 4Page - ON Semiconductor MGS05N60D Datasheet HTML 5Page - ON Semiconductor MGS05N60D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola IGBT Device Data
Designer's™ Data Sheet
Insulated Gate Bipolar Transistor
N–Channel Enhancement–Mode Silicon Gate
This IGBT contains a built–in free wheeling diode and a gate
protection zener diodes. Fast switching characteristics result in
efficient operation at higher frequencies. This device is ideally
suited for high frequency electronic ballasts.
• Built–In Free Wheeling Diodes
• Built–In Gate Protection Zener Diode
• Industry Standard Package (TO92 — 1.0 Watt)
• High Speed Eoff: Typical 6.5 mJ @ IC = 0.3 A; TC = 125°C and
dV/dt = 1000 V/
ms
• Robust High Voltage Termination
• Robust Turn–Off SOA
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameters
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
600
Vdc
Collector–Gate Voltage (RGE = 1.0 MΩ)
VCGR
600
Vdc
Gate–Emitter Voltage — Continuous
VGES
± 15
Vdc
Collector Current — Continuous @ TC = 25°C
Collector Current — Continuous @ TC = 90°C
Collector Current — Repetitive Pulsed Current (1)
IC25
IC90
ICM
0.5
0.3
2.0
Adc
Total Power Dissipation
PD
1.0
Watt
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to 150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case – IGBT
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
25
125
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
260
°C
UNCLAMPED DRAIN–TO–SOURCE AVALANCHE CHARACTERISTICS (TC ≤ 150°C)
Single Pulse Drain–to–Source Avalanche
Energy – Starting @ TC = 25°C
Energy – Starting @ TC = 125°C
VCE = 100 V, VGE = 15 V, Peak IL = 2.0 A, L = 3.0 mH, RG = 25 W
EAS
125
40
mJ
(1) Pulse width is limited by maximum junction temperature repetitive rating.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s is a trademark of Motorola, Inc.
REV 2
Order this document
by MGS05N60D/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MGS05N60D
IGBT
0.5 A @ 25
°C
600 V
CASE 029–05
STYLE 35
TO–226AE
E
C
G
C
E
G
© Motorola, Inc. 1998


Similar Part No. - MGS05N60D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGS05N60D MOTOROLA-MGS05N60D Datasheet
135Kb / 6P
   Insulated Gate Bipolar Transistor
More results

Similar Description - MGS05N60D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com