Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80056B-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M80056B-1
Description  8 FUNCTIONS XMAS LIGHT CONTROL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M80056B-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M80056B-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers M80056B-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8 FUNCTIONS
8 段功能单键
XMAS LIGHT CONTROL
圣诞灯串控制 IC
1/2
2003-12-04
XMAS LIGHT
M80056B-1
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能叙述
功能叙述
功能叙述
功能叙述
• 1 key operation.
• Operation mode : 8 modes.
• Direct drive SCR.
APPLICATION 产品应用
产品应用
产品应用
产品应用
• Xmas light controller, any AC control toy.
ELECTRICAL CHARACTERISTICS 电气规格
电气规格
电气规格
电气规格
( @VDD=4V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作电压 Operating Voltage
VDD
3
4
5
V
工作电流 Operating Current
IOP
2
mA
No load
静态电流 Quiescent Current
ISB
μA
推动电流 BZ Driving Current
IOH
0.2
mA
@ VDS=1V
振荡频率 Oscillator Frequency
FOSC
125
KHz
±30% TOL.
工作温度 Operating Temperature
Temp.
0
25
60
APPLICATION DIAGRAM 参考电路图
参考电路图
参考电路图
参考电路图
AC110V
60Hz
AC220V
50Hz
AC24V
50Hz
R1
82KΩ
180KΩ
20KΩ
R2
1M
1M
1M
C1
47μ/16V
47μ/16V
47μ/16V
Rosc
200KΩ
220KΩ
240KΩ
* All specs and applications shown above subject to change without prior notice.
( 以上电路及规格仅供参考,本公司得径行修正 )
MODE FUNCTIONS
功能
1
COMBINATION
第二段到第七段
2
IN WAVES
2 种 波浪前进后退
3
SEQUENTIAL
4 种 跑马
4
SLO-GOL
3 种 单灯渐明渐暗
5
CHASING / FLASH
跑马前进后退, 星星闪烁
6
SLOW FADE
3 种 四灯同时渐明渐暗
7
TWINKLE / FLASH
星星闪烁, 跑马
8
STEADY ON
灯串固定不闪
M80056B-1
底=VDD
1.63 X 1.44 mm
2
Y
X
TG
VDD
ZC
VSS
TEST
L1
L2
L3
L4
R1
R2
C1
+
VDD1
ZC
VDD
ZC
VSS
VDD
TG
L1
L4
L3
L2
VDD1
M80056B-1P
1
14
7
8
Y
X
Rosc


Similar Part No. - M80056B-1

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M80056B-1 MOSDESIGN-M80056B-1 Datasheet
164Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
More results

Similar Description - M80056B-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M80056B ETC1-M80056B Datasheet
120Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80056B-1 MOSDESIGN-M80056B-1 Datasheet
164Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
List of Unclassifed Man...
M8077 ETC1-M8077 Datasheet
153Kb / 3P
   8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
logo
Unisonic Technologies
8156 UTC-8156_12 Datasheet
159Kb / 5P
   8 FUNCTIONS X?셃AS LIGHT CONTROL
8156 UTC-8156_15 Datasheet
159Kb / 5P
   8 FUNCTIONS X?셃AS LIGHT CONTROL
logo
List of Unclassifed Man...
M80002-4 ETC2-M80002-4 Datasheet
107Kb / 4P
   4 STRINGS XMAS LIGHT CONTROL
logo
Unisonic Technologies
801 UTC-801 Datasheet
30Kb / 2P
   3/4 STRINGS Xmas LIGHT CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com