Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIL10JR10KNE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CIL10JR10KNE
Description  It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CIL10JR10KNE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CIL10JR10KNE Datasheet HTML 1Page - List of Unclassifed Manufacturers CIL10JR10KNE Datasheet HTML 2Page - List of Unclassifed Manufacturers CIL10JR10KNE Datasheet HTML 3Page - List of Unclassifed Manufacturers CIL10JR10KNE Datasheet HTML 4Page - List of Unclassifed Manufacturers CIL10JR10KNE Datasheet HTML 5Page - List of Unclassifed Manufacturers CIL10JR10KNE Datasheet HTML 6Page - List of Unclassifed Manufacturers CIL10JR10KNE Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Part No.
(1608 type)
Product’s
Thickness
(mm)
Inductance
(
μH)
Q
min
DC
resistance
(
Ω),max
Rated
current
(mA),max
L, Q test
frequency
(MHZ)
SRF
(MHZ),
min
CIL 10N 47N
CIL 10N 68N
CIL 10N 82N
CIL 10N R10
CIL 10N R12
CIL 10N R15
CIL 10N R18
CIL 10N R22
CIL 10N R27
CIL 10N R33
CIL 10N R39
CIL 10N R47
CIL 10N R56
CIL 10N R68
CIL 10N R82
CIL 10J 1R0
CIL 10J 1R2
CIL 10J 1R5
CIL 10J 1R8
CIL 10J 2R2
CIL 10J 2R7
CIL 10J 3R3
CIL 10J 3R9
CIL 10J 4R7
CIL 10Y 5R6
CIL 10Y 6R8
CIL 10Y 8R2
CIL 10Y 100
CIL 10Y 120
CIL 10S 150
CIL 10S 180
CIL 10S 220
CIL 10S 270
CIL 10S 330
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.047
±20%, 10%
0.068
±20%, 10%
0.082
±20%, 10%
0.10
±20%, 10%
0.12
±20%, 10%
0.15
±20%, 10%
0.18
±20%, 10%
0.22
±20%, 10%
0.27
±20%, 10%
0.33
±20%, 10%
0.39
±20%, 10%
0.47
±20%, 10%
0.56
±20%, 10%
0.68
±20%, 10%
0.82
±20%, 10%
1.0
±20%, 10%
1.2
±20%, 10%
1.5
±20%, 10%
1.8
±20%, 10%
2.2
±20%, 10%
2.7
±20%, 10%
3.3
±20%, 10%
3.9
±20%, 10%
4.7
±20%, 10%
5.6
±20%, 10%
6.8
±20%, 10%
8.2
±20%, 10%
10.0
±20%, 10%
12.0
±20%, 10%
15.0
±20%
18.0
±20%
22.0
±20%
27.0
±20%
33.0
±20%
10
10
10
15
15
15
15
15
15
15
15
15
15
15
15
35
35
35
35
35
35
35
35
35
35
35
35
35
35
20
20
20
20
20
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
1
1
0.4
260
250
245
240
205
180
165
150
136
125
110
105
95
80
75
70
60
55
50
45
40
38
36
33
22
20
18
17
15
14
13
11
10
9
0.30
0.30
0.30
0.50
0.50
0.60
0.60
0.80
0.80
0.85
1.00
1.35
1.55
1.70
2.10
0.60
0.80
0.80
0.95
1.15
1.35
1.55
1.70
2.10
1.55
1.70
2.10
2.55
2.75
1.70
1.85
2.10
2.75
2.95
50
50
50
50
50
50
50
50
50
35
35
35
35
35
35
25
25
25
25
15
15
15
15
15
5
5
5
3
3
1
1
1
1
1
CIL 1608(0603) TYPE
: Tolerance (K : ±10%, M : ±20%)
15
CHIP INDUCTOR
Test equipment : HP4291A+HP16193A


Similar Part No. - CIL10JR10KNE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10J1R0K SAMSUNG-CIL10J1R0K Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL10J1R0K SAMSUNG-CIL10J1R0K Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL10J1R0M SAMSUNG-CIL10J1R0M Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL10J1R0M SAMSUNG-CIL10J1R0M Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL10J1R2K SAMSUNG-CIL10J1R2K Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
More results

Similar Description - CIL10JR10KNE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
SHANGHAI BELLING CO., L...
BL7430EC BELLING-BL7430EC Datasheet
137Kb / 4P
   It has 104bits EEPROM with logical encryption and function
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
logo
KEC(Korea Electronics)
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
MORNSUN Science& Techno...
KF4N80F MORNSUN-KF4N80F Datasheet
391Kb / 6P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
logo
KEC(Korea Electronics)
KF1N60L KEC-KF1N60L Datasheet
882Kb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVX12120 CSB-BATTERY-EVX12120_16 Datasheet
812Kb / 2P
   It has high cycling life, high and long service life.l
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com