Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR52ND06-WL Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR52ND06-WL
Description  COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR52ND06-WL Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR52ND06-WL Datasheet HTML 1Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 2Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 3Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 4Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 5Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 6Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 7Page - Fujitsu Component Limited. FBR52ND06-WL Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FBR51, 52 SERIES
0
100
10
1
20
40
60
80
100
(RL-1)
20 sec
20 A
0 A
20 A
0 A
(RL-2)
0.3 sec
10 sec
0.3 sec
100
10
1
1000
100
10
(measured at 6 V-1 A)
0
100
10
1
20
40
60
80
100
100
10
1
1000
m‰
100
10
(measured at 6 V-1 A)
M
N.O.
N.C.
0 A
4 A
20 A
16 A
M
RL-1
RL-2
N.O.
N.C.
N.O.
N.C.
3. LIFE TEST (EXAMPLE)
• Test item
14 V DC-20 A
motor lock 200,000
operations minimum
(FBR52s
s-W type)
• Test circuit
• Current wave form
• Shift of pick-up drop-out voltage
• Shift of contact resistance
• Test item
14 V DC-20 A
motor free 400,000
operations minimum
(FBR51s
s-N type)
• Test circuit
• Current wave form
• Shift of pick-up drop-out voltage
• Shift of contact resistance
PICK-UP
Initial
Number of operations (x104)
Break
Make
Initial
Initial
Number of operations (x104)
Break
Make
Initial
PICK-UP
DROP-OUT
DROP-OUT


Similar Part No. - FBR52ND06-WL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR52ND06-W1 FUJITSU-FBR52ND06-W1 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR52ND06-WL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com