Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX16-2PL208 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A54SX16-2PL208
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX16-2PL208 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A54SX16-2PL208 Datasheet HTML 2Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 9Page - List of Unclassifed Manufacturers A54SX16-2PL208 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
54S X Fam ily FPG A s
6
v3.1
Ro ut in g Re so u r ce s
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
Clusters and SuperClusters (Figure 5 and Figure 6 on
page 7). This routing architecture also dramatically reduces
the number of antifuses required to complete a circuit,
ensuring the highest possible performance.
DirectConnect is a horizontal routing resource that provides
connections from a C-cell to its neighboring R-cell in a given
SuperCluster. DirectConnect uses a hard-wired signal path
requiring no programmable interconnection to achieve its
fast signal propagation time of less than 0.1 ns.
FastConnect enables horizontal routing between any two
logic modules within a given SuperCluster and vertical
routing with the SuperCluster immediately below it. Only
one programmable connection is used in a FastConnect
path, delivering maximum pin-to-pin propagation of 0.4 ns.
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing between
SuperClusters. The exact combination of track lengths and
antifuses within each path is chosen by the 100 percent
automatic place and route software to minimize signal
propagation delays.
Actel’s high-drive routing structure provides three clock
networks. The first clock, called HCLK, is hard wired from
the HCLK buffer to the clock select MUX in each R-cell. This
provides a fast propagation path for the clock signal,
enabling the 3.7 ns clock-to-out (pin-to-pin) performance of
the SX devices. The hard-wired clock is tuned to provide
clock skew as low as 0.25 ns. The remaining two clocks
(CLKA, CLKB) are global clocks that can be sourced from
external pins or from internal logic signals within the SX
device.
Figure 4 • Cluster Organization
Type 1 SuperCluster
Type 2 SuperCluster
Cluster 1
Cluster 2
Cluster 2
Cluster 1
R-Cell
C-Cell
D0
D1
D2
D3
DB
A0
B0
A1
B1
Sa
Sb
Y
Direct
Connect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLRB
PSETB
Y
DQ
Routed
Data Input
S0
S1


Similar Part No. - A54SX16-2PL208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
   PCI Arbiter Core
More results

Similar Description - A54SX16-2PL208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com