Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1608 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RC1608
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC1608 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RC1608 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 9Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 10Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 11Page - List of Unclassifed Manufacturers RC1608 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
13
ELECTRICAL CHARACTERISTICS
Low Temperature
exposure
△R :
±(3%+0.1Ω) of the initial value.
Visual : No evidence of mechanical damage.
Dwell in -55
℃ chamber without loading for 1000±12 hours
Dwell for 60 minutes at Room temperature and
Measure resistance value.
Temperature Cycle
△R :
±(1%+0.1Ω) of the initial value.
Visual : No evidence of mechanical damage.
Perform 100Cycles as follows.
Load Life in
Moisture
Temperature : 40
±2℃
RH : 90~95%
Applying rated voltage for 90 minutes “ON” and
30minutes”OFF”
Duration : 1000 hours
Dwell in Room temperature for 1 hour and measure
resistance value.
No.
Temperature(
)
Time(min)
1
-55
±3
30
2
20
±3
15
3
125
±3
30
4
20
±3
15
Item
Specification
Test Method
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
At R
10
R :
±5%
At R
1
R :
±(3% + 0.1Ω)
At R
1
R :
±5%
Visual : No evidence of mechanical damage.
Load Life in high
Temperature
Temperature : 70
±3℃ at rated voltage.
Applying rated voltage for 90 minutes “ON” and
30minutes”OFF”
Duration : 1000 hours
Dwell in Room temperature for 1 hour and measure
resistance value.
At R
10
R :
±5%
At R
1
R :
±(3% + 0.1Ω)
At R
1
R :
±5%
Heat Resistance
(High Temperature
Exposure)
Dwell in 125
±3℃ chamber without loading for
1000
±12 hours
Dwell in Room temperature for 1 hour and measure
resistance value.
△R :
±(3%+0.1Ω) of the initial value.
Visual : No evidence of mechanical damage.


Similar Part No. - RC1608

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608 SAMSUNG-RC1608 Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608 SAMSUNG-RC1608 Datasheet
787Kb / 2P
   Circuit for high precision resistance and reliability.
RC1608 SAMSUNG-RC1608 Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
List of Unclassifed Man...
RC1608 ETC2-RC1608 Datasheet
791Kb / 2P
   Low tolerance
logo
Samsung semiconductor
RC1608 SAMSUNG-RC1608 Datasheet
791Kb / 2P
   Owing to the reduced lead inductance, the high frequency characteristic is excellent.
More results

Similar Description - RC1608

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com