Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK25A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK25A
Description  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK25A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK25A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK25A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-33-
RATINGS AND CHARACTERISTIC CURVES (SK24A THRU SK210A)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
FIG. 5- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
LEAD TEMP ERATURE.( C)
FORWARD VOLTAGE.(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
REVERSE VOLTAGE.(V)
50
0
60
70
80
90
100
110
120
130
140
150
160
.50
1.0
1.5
2.0
1
0
10
100
10
20
30
40
50
0
0.001
20
40
60
80
100
120
140
0.01
0.1
1
10
100
0.01
0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0.1
1
10.0
50
0.1
1
10
100
10
100
400
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm)COPPER PAD AREAS
RESISTIVE OR
INDUCTIVELOAD
8.3ms Single Half Sine Wave
JEDEC Method
AT RATED TL
TA=125 C
TA=75 C
TA=25 C
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
o
PULSE WIDTH=300 s
1% DUTY CYCLE
SK25A-SK26A
SK29A-SK210A
SK24A-SK26A


Similar Part No. - SK25A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK25A TSC-SK25A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK25A TSC-SK25A Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK25A GOOD-ARK-SK25A Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
Silicon Standard Corp.
SK25A SSC-SK25A Datasheet
257Kb / 3P
   Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK25A TSC-SK25A Datasheet
192Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK25A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
   2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22L TSC-SS22L_1 Datasheet
208Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A_1 Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL22A TSC-SKL22A Datasheet
61Kb / 3P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SK225 JGD-SK225 Datasheet
142Kb / 2P
   2.0 AMPS, SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L Datasheet
88Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22 Datasheet
63Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22_11 Datasheet
186Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com