Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK25A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK25A
Description  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK25A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK25A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK25A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 32 -
SK24A THRU SK210A
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
40 to 100Volts
Current
2.0 Amperes
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.093gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK24A
SK25A
SK26A
SK29A SK210A Units
Maximum Recurrent Peak Reverse Voltage
VRRM
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
40
50
60
90
100
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
(Note 1)
@ 2.0A
VF
0.5
0.7
0.85
V
Maximum DC Reverse Current
@ TA =25
at Rated DC Blocking Voltage
IR
0.5
0.1
mA
Typical Junction Capactance
Cj
10
50
pF
Typical Thermal Resistance ( Note 2 )
R
θJA
88
℃/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.2 x 0.2”(5.0 x 5.0mm) Copper Pad Areas.
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.103(2.61)
.078(1.99)


Similar Part No. - SK25A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK25A TSC-SK25A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK25A TSC-SK25A Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK25A GOOD-ARK-SK25A Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
Silicon Standard Corp.
SK25A SSC-SK25A Datasheet
257Kb / 3P
   Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK25A TSC-SK25A Datasheet
192Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK25A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
   2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22L TSC-SS22L_1 Datasheet
208Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A_1 Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL22A TSC-SKL22A Datasheet
61Kb / 3P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SK225 JGD-SK225 Datasheet
142Kb / 2P
   2.0 AMPS, SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L Datasheet
88Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22 Datasheet
63Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22_11 Datasheet
186Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com