Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK53C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK53C
Description  5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK53C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK53C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK53C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 74 -
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
SK53C THRU SK56C
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
30 to 60 Volts
Current
5.0 Amperes
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK53C
SK54C
SK56C
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
60
V
Maximum RMS Voltage
VRMS
21
28
42
V
Maximum DC Blocking Voltage
VDC
30
40
60
V
Maximum Average Forward Rectified Current
at TL (See Fig. 1)
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 5.0A
VF
0.55
0.75
V
0.5
Maximum DC Reverse Current
@ TA =25
at Rated DC Blocking Voltage
@ TA=100
IR
20
10
mA
mA
Typical Thermal Resistance ( Note 2 )
R
θJC
R
θJA
17
55
℃/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.6 x 0.6” (16 x 16mm) Copper Pad Areas.


Similar Part No. - SK53C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK53C TSC-SK53C Datasheet
287Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SK53C BILIN-SK53C Datasheet
206Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SK53C PACELEADER-SK53C Datasheet
331Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SK53C DIOTECH-SK53C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK53C TSC-SK53C Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK53C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK52B TSC-SK52B Datasheet
52Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK52B TSC-SK52B_1 Datasheet
258Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK52C TSC-SK52C Datasheet
287Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL54C TSC-SKL54C Datasheet
46Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR520 YANGJIE-SR520 Datasheet
706Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR502 TSC-SR502_1 Datasheet
256Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR502 TSC-SR502 Datasheet
63Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_10 Datasheet
557Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com